Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA88-000-DIL Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # CTA88-000-DIL
Description  8 bit Address - 8 bit Data encoder/decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CTA88-000-DIL Datasheet(HTML) 1 Page - Radiometrix Ltd

  CTA88-000-DIL Datasheet HTML 1Page - Radiometrix Ltd CTA88-000-DIL Datasheet HTML 2Page - Radiometrix Ltd CTA88-000-DIL Datasheet HTML 3Page - Radiometrix Ltd CTA88-000-DIL Datasheet HTML 4Page - Radiometrix Ltd CTA88-000-DIL Datasheet HTML 5Page - Radiometrix Ltd CTA88-000-DIL Datasheet HTML 6Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Radiometrix Ltd
CTA88
page 1
Features
Operating voltage (temperature):
4.0V-5.5V for standard version (-40
°C to +125°C)
2.0V-5.5V for low voltage version (-40
°C to +85°C)
Draws <2mA without external load
8 bit address and 8 bit data
256 different remotes with 8 controls each
Single packetised transmission for fast activation
Maximum usage of the range capability of an RF module
Adequate preamble to settle data slicer in the receiver.
Extra wake up preamble to allow for transmitter power up time requirements
Differential Manchester encoding of address, data and checksum
Synchronisation codes and checksum to reduce false triggering on noise
Suitable to be used with Narrow Band FM radio modules
Ceramic resonator or crystal oscillator up to 20MHz
Data rate up to 5.6kbps
Minimum external component requirement
Serial operation allow a PC to send or receive CTA88 command bursts
Decoder timeout
Up to 8 encoder/decoder modes including push button, delayed and continuous TX modes.
Applications
Security and Alarm systems
Emergency assistance call system
Status reporting and monitoring systems
RF Remote control systems
Industrial controls
HVAC controls
Simple On/Off switching
Long range telecontrol with Narrow Band FM radios
CTA88 is an 8 bit address, 8 bit data encoder
and decoder combined in a single IC. This
device is intended to be used with ISM band
telemetry modules and can be operated in
either Encode or Decode mode.
CTA88 uses 1kbps differential Manchester bit
balancing with preamble and checksum. It
permits a simple, one way link to be
established,
for
simple
remote
control
applications, with a minimum of effort and
no customer software input.
CTA88 is
available in 28pin SO and DIL packages.
Figure 1: CTA88 in 28 pin DIL package
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue: 1, 20 December 2007
CTA88
8 bit
8 bit
8 bit
8 bit Address
Address
Address
Address ---- 8 bit Data encoder/decoder
8 bit Data encoder/decoder
8 bit Data encoder/decoder
8 bit Data encoder/decoder
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233


Similar Part No. - CTA88-000-DIL

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88_12 Datasheet
1Mb / 16P
   CTA88 Remote Control Application Boards
More results

Similar Description - CTA88-000-DIL

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74LS259 RENESAS-HD74LS259 Datasheet
182Kb / 8P
   8-bit Address Latch
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com