Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTR124-000-SO Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # CTR124-000-SO
Description  4 bit Address - 12 bit Data encoder/decoder
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CTR124-000-SO Datasheet(HTML) 3 Page - Radiometrix Ltd

  CTR124-000-SO Datasheet HTML 1Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 2Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 3Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 4Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 5Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 6Page - Radiometrix Ltd CTR124-000-SO Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
Control124
page 3
Decoder Mode
Control124 can be put into Decoder Mode by connecting Mode (pin 2) to Ground.
MODE
RST
Vss
A3
A2
A1
A0
RXD
LATCH
OSC1
OSC2
Vdd
DB3
DB2
DB1
DB0
3.58MHz
5V
supply
Vss
DA0
DA1
DA2
DA3
DA7
DA6
DA5
DA4
STB
NC
470R
470R
470R
470R
470R
470R
100nF
470R
470R
470R
470R
470R
470R
NC
RF
Vcc
GND
RXD
Figure 3: Control124 in Decoder Mode
Pin
Name
Input/Outp
ut
Description
1
RST
Input
Active Low Reset (Connect to user system reset or tie to Vdd)
2
LATCH
Input
0V = latch DA3:D0 until next packet
Vdd = clear DA3:DA0 after 150ms (no pull-up)
3
RXD
Input
Encoded Address and Data from RXD Output of RF Receiver
4
STB
Output
Positive going pulse on reception of valid data packet. 10µs duration
5
MODE
Input
RX=0V, TX=Vdd (no pull-up, only read at reset/power up)
6
NC
-
-
7
NC
-
-
8
VSS
Supply
Supply Ground
9
OSC2
Output
3.58MHz resonator1
10
OSC1
Input
3.58MHz resonator1
11 - 18
DA0 - DA7
Output
8 bits of Data A2
19
VSS
Supply
Supply Ground
20
VDD
Supply
4.5-5.5V supply (decouple with 0.1µF close to IC)
2.0V-5.5V (low voltage version)
21 - 24
A0 - A3
Input
Least significant 4 bits of Address (Internal pull-ups to Vdd)2
25 - 28
DB0 - DB3
Output
Least significant 4 bits of Data B2
Notes:
1. OSC1, 2 require a 3.58MHz ceramic resonator with internal capacitors like Murata
CSTLA3M58G55-B0. If a 2 pin resonator or crystal is used, then two 15pF-22pF caps are
needed: one from OSC1 to 0V another from OSC2 to 0V. 100Ω series resistor between OSC2 and
crystal may be required when driving low frequency crystal with High Speed (H) CTR124H
version.
2. Absolute maximum source/sink current from each DA0-DA7, DB0-DB3, A0-A3 pins is 25mA
Absolute maximum total current from DA0-DA7 port and DB0-DB3, A0-A3 port is 200mA
3. MODE pin is only read at reset/power up. Connect to either Vdd (Encoder) or 0V (Decoder).
4. Without external loads the CTR124 draws <2mA from 5V supply.
5. Standard version can be used down to 4V for <20MHz oscillator.
Low voltage version can be used down to 2V for <4MHz oscillator.
6. High Speed, CTR124H, version should not be used with Narrow Band FM radio modules.


Similar Part No. - CTR124-000-SO

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTR12-1001BYB AAC-CTR12-1001BYB Datasheet
111Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS
CTR12-1001BYM AAC-CTR12-1001BYM Datasheet
111Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS
CTR12-1001BZB AAC-CTR12-1001BZB Datasheet
111Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS
CTR12-1001BZM AAC-CTR12-1001BZM Datasheet
111Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS
CTR12-1001DYB AAC-CTR12-1001DYB Datasheet
111Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS
More results

Similar Description - CTR124-000-SO

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
   8 bit Address - 8 bit Data encoder/decoder
logo
Texas Instruments
SN74ALS679 TI-SN74ALS679 Datasheet
117Kb / 7P
[Old version datasheet]   12-BIT ADDRESS COMPARATOR
logo
Hitachi Semiconductor
HD74HC679 HITACHI-HD74HC679 Datasheet
67Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC680 RENESAS-HD74HC680 Datasheet
102Kb / 7P
   12-bit Address Comparator
logo
Hitachi Semiconductor
HD74HC680 HITACHI-HD74HC680 Datasheet
62Kb / 10P
   12-bit Address Comparator
logo
Renesas Technology Corp
HD74HC679 RENESAS-HD74HC679 Datasheet
96Kb / 7P
   12-bit Address Comparator
logo
Texas Instruments
SN74ALS680 TI-SN74ALS680 Datasheet
279Kb / 6P
[Old version datasheet]   12-BIT ADDRESS COMPARATORS
74ACT16254 TI1-74ACT16254_09 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT ADDRESS/DATA MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com