Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIM2EH-433-10 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # BIM2EH-433-10
Description  433MHz Wide Band FM radio transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM2EH-433-10 Datasheet(HTML) 3 Page - Radiometrix Ltd

  BIM2EH-433-10 Datasheet HTML 1Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 2Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 3Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 4Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 5Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 6Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 7Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 8Page - Radiometrix Ltd BIM2EH-433-10 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Radiometrix Ltd, BiM2A Data Sheet
page 3
RXD
pin 12
Digital output from internal data slicer. The output is a squared version of the signal on pin 13 (AF) and
may be used to drive a decoder directly. The data is true data, i.e. as fed to the transmitter. Output is
“open-collector” format with internal 10k
Ω pullup to Vcc (pin 17).
AF
pin 13
Buffered & filtered analogue output from FM demodulator. Standing DC bias of 1V approx. Useful for
test purposes or for driving external decoders. External load should be >10k
Ω // <100pF
TXD
pin 14
This DC-coupled transmitter modulation input will accept either serial digital data or high level linear
signals. Drive signal must be limited to 0V min, 3V max. See page 6 for suggested drive methods. Input
impedance >50k
Ω.
TX select
pin 15
Active-low Transmit select. 47k
Ω internal pull-up to Vcc.
RX select
pin 16
Active-low Receive select. 47k
Ω internal pull-up to Vcc.
Pin 15 TX
Pin 16 RX
Function
1
1
Power down (<10
µA)
1
0
Receiver enabled
0
1
Transmitter enabled
0
0
Self test loop-back*
* Loop-back allows the receiver to monitor the transmitted signal. Under these conditions the Tx
radiated signal level will be reduced to approximately -10dBm).
Vcc
pin 17
DC +ve supply pin. +2.9 to +16 volts @ <14mA (@10mW). The supply should be clean, <20mVP-P ripple.
18
17
16
15
14
13
12
11
10
0V
Vcc
RX SELECT
TXD
TX SELECT
AF
RXD
RSSI/CD
0V
1
2
3
4
5
6
7
8
9
RF GND
Antenna
RF GND
0V
No pin
33 mm
30.48 mm
23 mm
5 mm
side view (through can)
top view (without can)
side view (with can)
recommended PCB hole size: 1.2 mm
module footprint size: 25 x 32 mm
pin pitch: 2.54 mm (0.1")
pins 4, 5, 6, 7
are not fitted
& 8
Fig. 3: Physical dimensions


Similar Part No. - BIM2EH-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
BIM2 RADIOMETRIX-BIM2 Datasheet
240Kb / 11P
   433 / 868MHz FM Data Transceiver
logo
List of Unclassifed Man...
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2-433-160 RADIOMETRIX-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
More results

Similar Description - BIM2EH-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
BIM3B RADIOMETRIX-BIM3B Datasheet
773Kb / 11P
   869MHz Wide Band FM radio transceiver
logo
List of Unclassifed Man...
BIM2-433-160 ETC2-BIM2-433-160 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
Radiometrix Ltd
BIM2 RADIOMETRIX-BIM2 Datasheet
561Kb / 11P
   433MHz high speed FM radio transceiver module
logo
List of Unclassifed Man...
BIM2-433-64 ETC1-BIM2-433-64 Datasheet
356Kb / 7P
   433MHz high speed FM radio transceiver module
logo
rfsolutions.ltd
T7-434-075 RFSOLUTIONS-T7-434-075 Datasheet
76Kb / 7P
   FM 433MHz Narrow Band
QBT37-434.075 RFSOLUTIONS-QBT37-434.075 Datasheet
103Kb / 7P
   433MHz Narrow Band Radio Transmitter & Receivers
logo
Radiometrix Ltd
RDL2 RADIOMETRIX-RDL2_12 Datasheet
463Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Radiometrix Ltd
TX3B-869.85-64 RADIOMETRIX-TX3B-869.85-64 Datasheet
145Kb / 2P
   869MHz Wide Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com