Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR2-433-5 Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # HVR2-433-5
Description  UHF Narrow Band FM Vibration Resistant Multi Channel Receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HVR2-433-5 Datasheet(HTML) 4 Page - Radiometrix Ltd

  HVR2-433-5 Datasheet HTML 1Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 2Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 3Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 4Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 5Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 6Page - Radiometrix Ltd HVR2-433-5 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd
HVR2 Data Sheet
page 4
Serial interface commands
HVR2 frequency/channel can be serially configured using HyperTerminal or any other terminal
program configured with following setup:
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (S0). It is very important that
the unit does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-
writing of the EEPROM will result. For this reason the user must send the 16 character string
ENABLESERIALMODE to fully enable the serial command mode before sending any of the command
strings listed below. Command mode is disabled on power down, or on reception of a # character.
Owing to the complex nature of the DDS programming in the HVR2, the user does not have direct
access to the synthesizer registers (as is the case in the simpler RLC2). Instead, the user has a table of
32 channels (accessible by parallel port, or by the GOCHAN command). Each of these channels can be
assigned to one of the HVR2's pre-set frequencies (433.05 - 434.775MHz)
(note: the parallel port accesses the higher 16 channels, from 16-31, as if a '5th parallel select bit' is
always ‘low’).
GOCHAN aa
Serial select of channel aa (0 to 31) (stored in non-volatile EEPROM)
HOPPER nn
Temporary select of frequency number nn (0 to 69)
LOAD aa nn
Set a frequency (nn) for channel aa (channels 0 to 31)
SETPAR
Channel selected by 5 bit parallel inputs (4pins S0-S3 + S4 always high)
SETSER
Channel selected by most recent GOCHAN operation
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31 (values 00-15 can only be selected by a GOCHAN
command)
nn= abstract ‘frequency number’ relating to one of the pre-set operating frequency
Channel frequency = 433.05 + (nn x 0.025) MHz
For example: nn = 01 relates to a channel frequency of 433.075MHz, and the commnd:
LOAD 00 01 will set channel number 0 to 433.075MHz
Note:
A pause of at least 25ms must be allowed between command strings (EEPROM programming
time).
The HVR2 has no equivalent to the RLC2 'SINGLE' command. The 'HOPPER' command
provides some similarity, but on power up (or SETPAR, SETSER or GOCHAN command) the
radio reverts to ordinary operation.


Similar Part No. - HVR2-433-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVR2000 ETC1-HVR2000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
HVR20000 ETC1-HVR20000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
Stackpole Electronics, ...
HVR21 SEI-HVR21 Datasheet
330Kb / 4P
   High Voltage Radial Leaded Plate Resistor
10/22/2020
logo
List of Unclassifed Man...
HVR22000 ETC1-HVR22000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
logo
EIC discrete Semiconduc...
HVR230 EIC-HVR230 Datasheet
32Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
More results

Similar Description - HVR2-433-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
CDP-TX02 ETC-CDP-TX02 Datasheet
78Kb / 1P
   UHF Narrow Band Multi Channel Transmitter/Receiver
logo
Radiometrix Ltd
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com