Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA88H-000-SS Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # CTA88H-000-SS
Description  8 bit Address - 8 bit Data encoder/decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CTA88H-000-SS Datasheet(HTML) 3 Page - Radiometrix Ltd

  CTA88H-000-SS Datasheet HTML 1Page - Radiometrix Ltd CTA88H-000-SS Datasheet HTML 2Page - Radiometrix Ltd CTA88H-000-SS Datasheet HTML 3Page - Radiometrix Ltd CTA88H-000-SS Datasheet HTML 4Page - Radiometrix Ltd CTA88H-000-SS Datasheet HTML 5Page - Radiometrix Ltd CTA88H-000-SS Datasheet HTML 6Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Radiometrix Ltd
CTA88
page 3
Decoder Mode
CTA88 can be put into Decoder Mode by connecting TX/RX MODE (pin 4) to ground (0V)
3.58MHz
+5V
supply
470R
470R
470R
100nF
470R
470R
470R
470R
470R
470R
RF
Vcc
GND
RXD
C0
C1
RST
Vss
A0
STB
RXD
OSC1
OSC2
Vdd
A7
A6
A5
A4
Vss
D0
D1
D2
D3
D7
D6
D5
D4
RX MODE
C2
A3
A2
A1
10k array
Figure 3: CTA88 in Decoder Mode
Pin
Name
Input/Output
Description
1
RST
Input
Active Low Reset (Connect to user system reset or tie to Vdd)
2
RXD
Output
baseband DATA from receiver module’s RXD output
3
STB
Output
Valid data burst detect pulse (36mS long).
4
TX/RX MODE
Input
tie to Vss = RX mode
5
C0
Input
6
C1
Input
7
C2
Input
Operating mode inputs4
8
Vss
Supply
Supply Ground
9
OSC1
Output
Connect to 3.58MHz resonator1
10
OSC2
Input
Connect to 3.58MHz resonator1
11 - 18
D0 - D7
Output
8 bits of Data Outputs
19
Vss
Supply
Supply Ground
20
Vdd
Supply
4.0V-5.5V supply (decouple with 100nF close to IC).
2.0V-5.5V (low voltage version)
21 - 28
A0 – A7
Input
8 bits of Address (Internal pull-ups to Vdd)3
Notes:
1. OSC1, 2 require a 3.58MHz ceramic resonator like KBR-3.58MKS (internal caps, ground middle
pin).
If a 2 pin resonator or crystal is used, then two 15pF caps are needed : one from OSC1 to 0V ;
one from OSC2 to 0V
2. Data and Address pins are logic true (1=VCC, 0=0V) inputs and outputs
3. Address inputs have weak pullups to Vcc and are schmitt trigger inputs
4. C0-C2 (pins 5-7) are active high and have no pullups.
5. A 1kbps bi-phase communications protocol is used, compatible with all Radiometrix Wireless
modules
6. A databurst is approximately 110mS long
7. After asserting TX on high (active), the coder allows 50mS for TX to power up and settle
8. Pin 4 (TX/RX MODE) has no pullup.
9.
Without external loads the chip draws less than 2mA from 5v


Similar Part No. - CTA88H-000-SS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88_12 Datasheet
1Mb / 16P
   CTA88 Remote Control Application Boards
More results

Similar Description - CTA88H-000-SS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74LS259 RENESAS-HD74LS259 Datasheet
182Kb / 8P
   8-bit Address Latch
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com