Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTA88H-000-SO Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # CTA88H-000-SO
Description  8 bit Address - 8 bit Data encoder/decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

CTA88H-000-SO Datasheet(HTML) 5 Page - Radiometrix Ltd

  CTA88H-000-SO Datasheet HTML 1Page - Radiometrix Ltd CTA88H-000-SO Datasheet HTML 2Page - Radiometrix Ltd CTA88H-000-SO Datasheet HTML 3Page - Radiometrix Ltd CTA88H-000-SO Datasheet HTML 4Page - Radiometrix Ltd CTA88H-000-SO Datasheet HTML 5Page - Radiometrix Ltd CTA88H-000-SO Datasheet HTML 6Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Radiometrix Ltd
CTA88
page 5
Incompatibilities: Certain operating modes are not compatible with some of the others:
RX 101 (toggle) doesn't work with TX 101 (periodic send) as the outputs switch on and off at the send
rate
RX 100 (set and reset) doesn't work with TX 101 (as the response is sluggish) and doesn't need TX
010 (constant)
RX 101 (toggle) is also not best suited to extreme range operation, where the initiation can be a little
sporadic.
(At extreme range, latched (011) or set/reset (100) are the best receiver modes, combined with TX 100
(send on any '1') as in this mode the failure of any single burst to be received matters less, as the
operator can continue to operate the transmitter until the receiver actuates )
Serial operation: The CTA88 is capable of a very simple, single byte, serial link operation. It is
selected by a '110' mode input.
This function is mainly intended for diagnostic work in the lab, but it does allow a pc to send or receive
CTA88 command bursts. Address is still selected by the parallel inputs
On the RX:
D4 = 'true' RS232 output
(+ve = low (0), 0V = idle/mark state)
D5 = 'inverted' RS232 output (+ve = idle/'mark' (1) state)
D6 : high for 500uS before, and during, serial byte output
On the TX
D4 = RS232 input
D5 : low = set 'true' input polarity, high = set 'inverted' input polarity
In all cases a single 9600 baud byte is received or sent.
The link is not transparent: on the TX end the 'tx on' pin can be used as a 'busy' output
Timeout: In modes 001 and 010, the receiver outputs the last received data for a given period, before
resetting D0-D7.
Any subsequent transmission will over-ride the current output state and reset the timer, even if the
timeout period has not expired.
The short period is set to be slightly longer than the time between consecutive transmit bursts in a
continuous mode.
The long timeout is usable with the randomised periodic transmission mode (101), as the 3 second
timeout is longer than the longest delay between transmissions in this mode.
Versions of the chip can be supplied with this period extended to suit customer requirements
Ordering Information:
CTA88-000-SS
Standard (
≤4MHz)- No Frequency - Shrink Small Outline (SSOP)
CTA88-000-SO
Standard (
≤4MHz)- No Frequency - Small Outline (SO)
CTA88-000-DIL
Standard (
≤4MHz)- No Frequency - Plastic Dual In Package (PDIP)
CTA88L-000-SS
Low Voltage (
≤4MHz) - No Frequency - SSOP
CTA88L-000-SO
Low Voltage (
≤4MHz) - No Frequency - SO
CTA88L-000-DIL
Low Voltage (
≤4MHz) - No Frequency - PDIP
CTA88H-000-SS
High Speed (4MHz-20MHz) - No Frequency - SSOP
CTA88H-000-SO
High Speed (4MHz-20MHz) - No Frequency - SO
CTA88H-000-DIL
High Speed (4MHz-20MHz) - No Frequency - PDIP


Similar Part No. - CTA88H-000-SO

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88_12 Datasheet
1Mb / 16P
   CTA88 Remote Control Application Boards
More results

Similar Description - CTA88H-000-SO

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CONTROL44 RADIOMETRIX-CONTROL44 Datasheet
385Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
CONTROL124 RADIOMETRIX-CONTROL124 Datasheet
553Kb / 7P
   4 bit Address - 12 bit Data encoder/decoder
logo
List of Unclassifed Man...
CONTROL44 ETC2-CONTROL44 Datasheet
202Kb / 7P
   4 bit Address - 4 bit Data encoder/decoder
logo
Renesas Technology Corp
HD74LS259 RENESAS-HD74LS259 Datasheet
182Kb / 8P
   8-bit Address Latch
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Motorola, Inc
MC14532B MOTOROLA-MC14532B Datasheet
230Kb / 8P
   8-BIT PRIORITY ENCODER
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com