Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRPC-000-SS Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # FRPC-000-SS
Description  Fast Radio Packet Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

FRPC-000-SS Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button FRPC-000-SS Datasheet HTML 3Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 4Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 5Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 6Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 7Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 8Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 9Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 10Page - Radiometrix Ltd FRPC-000-SS Datasheet HTML 11Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Radiometrix Ltd, FRPC2
page 7
2.1.1 WRITE A BYTE TO FRPC2
The sequence for a byte transfer from the Host to the FRPC2 (i.e. TX download) is asynchronous and
proceeds as follows:
1. HOST asserts TX Request line low to initiate transfer
2. Wait for FRPC2 to pull TX Accept low (i.e. request is accepted)
3. Set data lines to output and place LS nibble on the data lines
4. Negate TX Request (set to 1) to tell FRPC2 that data is present.
5. Wait for FRPC2 to negate TX Accept (i.e. data has been accepted)
Repeat steps 1-5 with MS nibble.
Notes:
• The data bus must not be set to output until step 3. i.e. after the FRPC2 has accepted the request.
The bus may be left as an output until the entire packet has been transferred to the FRPC2, it
should then be set back to input (default state).
• The FRPC2's normal response time to the initial TX Request may be up to 1ms, thereafter, for the
duration of the packet, the response will be fast.
• The FRPC2 will ignore a TX Request from the Host while it is receiving a packet from the radio. If
the incoming packet fails it's error check the FRPC2 will respond to the TX Request as normal, i.e.
the TX Accept from the FRPC2 will be delayed until the incoming packet has finished. If a valid
packet is received this must be uploaded to the Host before the FRPC2 can respond to the Host’s TX
Request. Thus an RX Request will be signalled to the Host and not the expected TX Accept and the
Host must upload the incoming packet before the TX packet can be downloaded. The TX Request
should be left asserted (low) during the upload. The FRPC2 will respond as normal after the upload
is completed.
• For the above reason it is often easier to use RX Request to trigger a HOST interrupt and upload the
FRPC2 to the HOST under interrupt control.
• See Appendix B and C. for example FRPC2 driver subroutines.
figure 7: TX download timing diagram


Similar Part No. - FRPC-000-SS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1000 FAIRCHILD-FRP1000 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1005 FAIRCHILD-FRP1005 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1010 FAIRCHILD-FRP1010 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1015 FAIRCHILD-FRP1015 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1020 FAIRCHILD-FRP1020 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
More results

Similar Description - FRPC-000-SS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPC-UHF RADIOMETRIX-RPC-UHF Datasheet
710Kb / 28P
   Radio Packet Controller
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
RPC3G RADIOMETRIX-RPC3G Datasheet
776Kb / 27P
   869/914 MHz Radio Packet Controller
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
logo
List of Unclassifed Man...
BA2266A ETC1-BA2266A Datasheet
239Kb / 2P
   Radio Servo controller
logo
PMC-Sierra, Inc
PM7830 PMC-PM7830 Datasheet
123Kb / 2P
   Baseband Radio Interface Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com