Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX1-169.5625-3 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # HX1-169.5625-3
Description  VHF Narrow Band FM 300mW Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

HX1-169.5625-3 Datasheet(HTML) 5 Page - Radiometrix Ltd

  HX1-169.5625-3 Datasheet HTML 1Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 2Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 3Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 4Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 5Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 6Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 7Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 8Page - Radiometrix Ltd HX1-169.5625-3 Datasheet HTML 9Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Radiometrix Ltd.,
HX1 high power transmitter data sheet
Page 5
Applications information
Expected range
Predicting the range obtainable in any given situation is notoriously difficult since there are many
factors involved. The main ones to consider are as follows:
Type and location of antennas in use
Type of terrain and degree of obstruction of the link path
Sources of interference affecting the receiver
“Dead” spots caused by signal reflections from nearby conductive objects
Data rate and degree of filtering employed
The following are typical examples – but range tests should always be performed before assuming that
a particular range can be achieved in a given situation:
Data rate
Tx antenna
Rx antenna
Environment
Range
1.2kbps
half-wave
half-wave
rural/open
10-15km
10kbps
half-wave
half-wave
rural/open
3-4km
10kbps
helical
half-wave
urban/obstructed
500m-1km
10kbps
helical
helical
in-building
100-200m
Note: The figure for 1.2kbps assumes that the receiver bandwidth has been suitably reduced by
utilising an outboard sallen-key active audio filter and data slicer or similar arrangement.
Antennas
The choice and positioning of transmitter and receiver antennas is of the utmost importance and is the
single most significant factor in determining system range. The following notes are intended to assist
the user in choosing the most effective antenna type for any given application.
Integral antennas
These are relatively inefficient compared to the larger externally-mounted types and hence tend to be
effective only over limited ranges. They do however result in physically compact equipment and for this
reason are often preferred for portable applications. Particular care is required with this type of
antenna to achieve optimum results and the following should be taken into account:
1. Nearby conducting objects such as a PCB or battery can cause detuning or screening of the antenna
which severely reduces efficiency. Ideally the antenna should stick out from the top of the product
and be entirely in the clear, however this is often not desirable for practical/ergonomic reasons and
a compromise may need to be reached. If an internal antenna must be used try to keep it away from
other metal components and pay particular attention to the “hot” end (i.e. the far end) as this is
generally the most susceptible to detuning. The space around the antenna is as important as the
antenna itself.
2. Microprocessors and microcontrollers tend to radiate significant amounts of radio frequency hash
which can cause desensitisation of the receiver if its antenna is in close proximity. The problem
becomes worse as logic speeds increase, because fast logic edges generate harmonics across the VHF
range which are then radiated effectively by the PCB tracking. In extreme cases system range may
be reduced by a factor of 5 or more. To minimise any adverse effects situate antenna and module as
far as possible from any such circuitry and keep PCB track lengths to the minimum possible. A
ground plane can be highly effective in cutting radiated interference and its use is strongly
recommended.


Similar Part No. - HX1-169.5625-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1-1694125-3 RADIOMETRIX-HX1-1694125-3 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results

Similar Description - HX1-169.5625-3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1-173.225-10 RADIOMETRIX-TX1-173.225-10 Datasheet
647Kb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com