Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBEK-000-SS Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # NBEK-000-SS
Description  NBEK Controller As 1200 Baud Modem
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NBEK-000-SS Datasheet(HTML) 6 Page - Radiometrix Ltd

  NBEK-000-SS Datasheet HTML 1Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 2Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 3Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 4Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 5Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 6Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Radiometrix Ltd
Page 6
1200buad Modem IC
NC
STATUS
RESET
VSS
NC
RSTXD
RSRXD
NC
TXE
RXD
OSC1
OSC2
VDD
M3
M2
M1
M0
RF
Vcc
GND
TXD
100nF
5V
supply
EN
2k2
10k
3.58MHz
TXD
RS232
Port
10k
10k
1k
TXD
1
5
9
Figure 4: RF Transmitter (e.g. TX1) + NBEK IC interface for RS232 data transmission
NC
STATUS
RESET
VSS
NC
RSTXD
RSRXD
NC
TXE
RXD
OSC1
OSC2
VDD
M3
M2
M1
M0
RF
Vcc
GND
RXD
100nF
5Vsupply
3.58MHz
TXD
10k
1k
RS232
Port
RXD
1
5
9
Figure 5: RF Receiver (e.g. NRX1) + NBEK IC interface for RS232 data reception
Ordering Information:
The NBEK controller IC can be ordered separately with equal number of radio modules.
NBEK-000-SS - Shrink Small Outline
NBEK-000-SO - Small Outline
NBEK-000-DIL - Plastic Dual In Package


Similar Part No. - NBEK-000-SS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NBEK RADIOMETRIX-NBEK Datasheet
591Kb / 10P
   Narrow Band Module Evaluation Kit
More results

Similar Description - NBEK-000-SS

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
   CMOS 1200 BAUD FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com