Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBEK-000-SS Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # NBEK-000-SS
Description  NBEK Controller As 1200 Baud Modem
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NBEK-000-SS Datasheet(HTML) 1 Page - Radiometrix Ltd

  NBEK-000-SS Datasheet HTML 1Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 2Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 3Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 4Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 5Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 6Page - Radiometrix Ltd NBEK-000-SS Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Radiometrix Ltd
Page 1
1200buad Modem IC
The Narrow band Evaluation Kit (NBEK) IC can be used as 1200baud half-duplex serial modem
suitable for narrow band receivers, transmitters and transceivers (or any RF modules with >5kbps data
rate). It takes care of preamble, synchronisation, bit
balancing and error checking and enables a
transparent radio data link to be established
between radio devices
This is a half duplex unit, so collisions between
transmitted and received packets must be dealt
with by the user.
Provided no two devices attempt to transmit
simultaneously no further restrictions on data
transmission need be made, as all transmit timing,
valid data identification and data stream buffering is conducted by the unit. Synchronisation and
framing words in the packet prevent the receiver outputting garbage in the absence of wanted RF
signal or presence of interference.
Supports 1200 baud asynchronous data: 1 start bit, 8 data bits, 1 stop bit.
With typical microcontrollers and UARTs, direct connection is usable as shown on figures 2 & 3.
To connect to a true RS232 device, inverting level shifters must be used (MAX232 type are ideal, but
simple NPN/PNP transistor switches often suffice as used in the application circuits figures 4 & 5).
Features
!
Operating voltage (temperature): 5V for standard version (-40°C to +85°C)
!
Maximum usage of the range capability of an RF module
!
Adequate preamble to settle data slicer in the receiver
!
Extra wake up preamble to allow for transmitter power up time requirements
!
Differential Manchester encoding of address, data and checksum
!
Synchronisation codes and checksum to reduce false triggering on noise
!
Suitable to be used with Narrow Band FM radio modules
!
Serial modem baud rate at 1200bps (half-duplex)
!
Addressable point-to-point
Applications
!
PDAs, organisers & laptops
!
Handheld / portable terminals
!
EPOS equipment, barcode scanners
!
In-building environmental monitoring and control
!
Remote data acquisition system, data logging
!
Fleet management, vehicle data acquisition
NBEK Controller As 1200 Baud Modem
NBEK Controller As 1200 Baud Modem
NBEK Controller As 1200 Baud Modem
NBEK Controller As 1200 Baud Modem
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
16
16
16
16 April 2008
April 2008
April 2008
April 2008
NBEK
NBEK
NBEK
NBEK----000
000
000
000----xxx
xxx
xxx
xxx
NEW
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: NBEK-000-DIL


Similar Part No. - NBEK-000-SS

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NBEK RADIOMETRIX-NBEK Datasheet
591Kb / 10P
   Narrow Band Module Evaluation Kit
More results

Similar Description - NBEK-000-SS

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
   CMOS 1200 BAUD FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com