Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBEK-000-SO Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # NBEK-000-SO
Description  NBEK Controller As 1200 Baud Modem
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NBEK-000-SO Datasheet(HTML) 3 Page - Radiometrix Ltd

  NBEK-000-SO Datasheet HTML 1Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 2Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 3Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 4Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 5Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 6Page - Radiometrix Ltd NBEK-000-SO Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Radiometrix Ltd
Page 3
1200buad Modem IC
Mode selection
The mode select bits M0-M3 put NBEK IC in to one of 16 operating modes, including modem mode.
MODE
H=5V, L=0V
0
HHHH
Receive mode
1
HHHL
Un-modulated Transmission for testing carrier frequency, power, spurii
2
HHLH
250Hz (500bps) square wave Modulated Transmission
3
HHLL
1250Hz (2.5kbps) square wave Modulated Transmission
4
HLHH
Pseudorandom NRZ stream modulated Transmission
5
HLHL
Transmitter and Receiver turned ON and OFF periodically at 100ms interval
6
HLLH
RESERVED for future use
7
HLLL
RESERVED for future use
8
LHHH
Continuous Control44 Transmission of Address=0 and Data=D3, D2, D1, D0
9
LHHL
Control44 Transmission of Address=0 and Data=D3, D2, D1, D0
If either Data is changed or RESET (Trigger) switch is pressed.
10
LHLH
Control44 Reception with Momentary Output. (paired with Mode 8)
11
LHLL
Control44 Reception with Latched Output. (paired with Mode 9)
12
LLHH
Transmits CTR44 Test Packet, Receive Echoed Packet (Radar Mode – Master)
13
LLHL
Receive CTR44 Test Packet, Re-transmit it back to Sender (Echo Mode – Slave)
14 (Modem)
LLLH
I1200 type 1200 baud Dumb Modem for bit balanced serial data
transmission
15
LLLL
RESERVED for future use
Notes:
1.
Mode 12 and 13 require Transceiver
2.
In Mode 12, a test packet is transmitted, then the unit switches to Receive mode for 100ms before repeating.
3.
Data sequence of 8 (D3=L, D2=H, D1=H, D0=H), 4, 2, 1 (D3=H, D2=H, D1=H, D0=L) is cycled through with
each transmission.
4.
In Mode 13, the unit idles in Receive mode. When a valid CTR44 burst is received the unit keys up the
Transmitter and re-transmits this CTR44 burst back to sender in Mode 12.


Similar Part No. - NBEK-000-SO

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NBEK RADIOMETRIX-NBEK Datasheet
591Kb / 10P
   Narrow Band Module Evaluation Kit
More results

Similar Description - NBEK-000-SO

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
   CMOS 1200 BAUD FSK MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2 Datasheet
174Kb / 6P
   19200 baud modem transceiver
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com