Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIM2T-434.65-10 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # NIM2T-434.65-10
Description  UHF Narrow Band Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

NIM2T-434.65-10 Datasheet(HTML) 3 Page - Radiometrix Ltd

  NIM2T-434.65-10 Datasheet HTML 1Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 2Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 3Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 4Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 5Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 6Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 7Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 8Page - Radiometrix Ltd NIM2T-434.65-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Radiometrix Ltd.,
NiM2 transceiver data sheet
Page 3
Functional description
The transmit section of the NiM2 consists of a frequency modulated Voltage Controlled Crystal
Oscillator (VCXO) feeding a frequency doubler with two stage amplifier and RF filter. Final Power
Amplifier stage is factory pre-set to appropriate band power level. Operation is controlled by a Tx Select
line, the transmitter achieving full RF output typically within 5ms of this line being pulled low. The RF
output is filtered to ensure compliance with the appropriate radio regulations and fed via a fast Tx/Rx
changeover switch to the 50
Ω antenna pin.
The receive section is a double conversion FM superhet with IF at 21.4MHz and 455kHz fed by a Low
Noise Amplifier (LNA) on the RF front-end. The receiver is controlled by RX Select line and will power
up typically <2ms. Quadrature detector output is available as Audio Frequency (AF) output and
transmitted digital data is regenerated from AF using adaptive data slicer. A Received Signal Strength
Indicator (RSSI) output with some 60dB of range is provided.
User interface
18
17
16
15
14
13
12
11
10
0 Volt
Vcc
RX select
TX select
TXD
AF
RXD
RSSI
0 Volt
1
2
3
4
5
6
7
8
9
RF GND
Antenna
RF GND
No pin
33 mm
30.48 mm
23 mm
12 mm
side view (through can)
top view (without can)
side view (with can)
recommended PCB hole size: 1.2 mm
module footprint size: 25 x 32 mm
pin pitch: 2.54 mm
pins 4, 5, 6, 7, 8 & 9 are not fitted
Figure 3: NiM2 pin-out and dimension
NiM2 Pin
Name
Function
1, 3, 10, 18
0V
Ground
17
VCC
2.9 – 15V DC power supply
16
RX
Pull low to enable Receiver
15
TX
Pull low to enable Transmitter
14
TXD
DC coupled input for 3V CMOS logic. Rin = 100k
13
AF
500mV pk-pk audio. DC coupled, approx 0.8V bias
12
RXD
RXD is an open collector output, with a 10k
Ω pullup to Vcc. Suitable for Biphase codes
11
RSSI
DC level between 0.5V and 2V. 60dB dynamic range
NOTES:
1. RX and TX have internal (10k
Ω approx.) pull-ups to Vcc
2. Avoid RX and TX both low: undefined module operation (but damage will not result)
3. Pin out is as BiM1, BiM2. On RF connector end only pins 1, 2 and 3 are present.


Similar Part No. - NIM2T-434.65-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NiM2-434.650-10 RADIOMETRIX-NiM2-434.650-10 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NIM2B RADIOMETRIX-NIM2B Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
NiM2B-434.65-10 RADIOMETRIX-NiM2B-434.65-10 Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
NiM2BR-434.65-10 RADIOMETRIX-NiM2BR-434.65-10 Datasheet
235Kb / 11P
   Frequency Programmable 25kHz NBFM Transceiver
More results

Similar Description - NIM2T-434.65-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
TR2M ETC2-TR2M Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
logo
Radiometrix Ltd
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
   Narrow Band FM Multi-channel UHF Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Radiometrix Ltd
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com