Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1617 Datasheet(PDF) 6 Page - EPCOS

Part # B1617
Description  SAW RF low loss filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1617 Datasheet(HTML) 6 Page - EPCOS

  B1617 Datasheet HTML 1Page - EPCOS B1617 Datasheet HTML 2Page - EPCOS B1617 Datasheet HTML 3Page - EPCOS B1617 Datasheet HTML 4Page - EPCOS B1617 Datasheet HTML 5Page - EPCOS B1617 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
December 15, 2006
Important notes
The following applies to all products named in this publication:
1.
Some parts of this publication contain statements about the suitability of our products for
certain areas of application. These statements are based on our knowledge of typical
requirements that are often placed on our products in the areas of application concerned. We
nevertheless expressly point out that such statements cannot be regarded as binding
statements about the suitability of our products for a particular customer application.
As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar
with them than the customers themselves. For these reasons, it is always ultimately incum-
bent on the customer to check and decide whether an EPCOS product with the properties
described in the product specification is suitable for use in a particular customer application.
2.
We also point out that in individual cases, a malfunction of passive electronic compo-
nents or failure before the end of their usual service life cannot be completely ruled
out in the current state of the art, even if they are operated as specified. In customer
applications requiring a very high level of operational safety and especially in customer appli-
cations in which the malfunction or failure of a passive electronic component could endanger
human life or health (e.g. in accident prevention or life-saving systems), it must therefore be
ensured by means of suitable design of the customer application or other action taken by the
customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is
sustained by third parties in the event of malfunction or failure of a passive electronic compo-
nent.
3.
The warnings, cautions and product-specific notes must be observed.
4.
In order to satisfy certain technical requirements, some of the products described in this
publication may contain substances subject to restrictions in certain jurisdictions (e.g.
because they are classed as “hazardous”). Useful information on this will be found in our
Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more
detailed questions, please contact our sales offices.
5.
We constantly strive to improve our products. Consequently, the products described in this
publication may change from time to time. The same is true of the corresponding product
specifications. Please check therefore to what extent product descriptions and specifications
contained in this publication are still applicable before or when you place an order.
We also reserve the right to discontinue production and delivery of products. Conse-
quently, we cannot guarantee that all products named in this publication will always be avail-
able.
6.
Unless otherwise agreed in individual contracts, all orders are subject to the current ver-
sion of the “General Terms of Delivery for Products and Services in the Electrical
Industry” published by the German Electrical and Electronics Industry Association
(ZVEI).
7.
The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, Silver-
Cap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered
or pending in Europe and in other countries. Further information will be found on the Internet
at www.epcos.com/trademarks.


Similar Part No. - B1617

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1610 EPCOS-B1610 Datasheet
77Kb / 6P
   Low-Loss Filter
B1614 EPCOS-B1614 Datasheet
72Kb / 6P
   Low-Loss Filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1618 EPCOS-B1618 Datasheet
73Kb / 6P
   RF Filter For Dual Conversion
logo
Dielectric Laboratories...
B161LA0S DILABS-B161LA0S Datasheet
184Kb / 2P
   16GHz Surface Mount Bandpass Filter
More results

Similar Description - B1617

ManufacturerPart #DatasheetDescription
logo
EPCOS
B1626 EPCOS-B1626 Datasheet
77Kb / 9P
   SAW RF low loss filter
B1616 EPCOS-B1616 Datasheet
56Kb / 6P
   SAW RF low loss filter
B1636 EPCOS-B1636 Datasheet
63Kb / 7P
   SAW RF low loss filter
logo
TDK Electronics
B39202B1650B510 TDK-B39202B1650B510 Datasheet
107Kb / 8P
   SAW RF low loss filter
logo
EPCOS
B1634 EPCOS-B1634 Datasheet
63Kb / 7P
   SAW RF low loss filter
B1644 EPCOS-B1644 Datasheet
67Kb / 9P
   SAW RF low loss filter
logo
TDK Electronics
B39192B1638U510 TDK-B39192B1638U510 Datasheet
83Kb / 7P
   SAW RF low loss filter
B39192B1660B510 TDK-B39192B1660B510 Datasheet
85Kb / 7P
   SAW RF low loss filter
B39172B1667U510 TDK-B39172B1667U510 Datasheet
172Kb / 7P
   SAW RF low loss filter
logo
RF Monolithics, Inc
SF2294E RFM-SF2294E Datasheet
112Kb / 4P
   Low Loss RF SAW Filter
logo
Transko Electronics, In...
TF-5022-ND TRANSKO-TF-5022-ND Datasheet
393Kb / 3P
   Low-loss RF SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com