Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM1 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # RPM1
Description  VHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM1 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button RPM1 Datasheet HTML 5Page - Radiometrix Ltd RPM1 Datasheet HTML 6Page - Radiometrix Ltd RPM1 Datasheet HTML 7Page - Radiometrix Ltd RPM1 Datasheet HTML 8Page - Radiometrix Ltd RPM1 Datasheet HTML 9Page - Radiometrix Ltd RPM1 Datasheet HTML 10Page - Radiometrix Ltd RPM1 Datasheet HTML 11Page - Radiometrix Ltd RPM1 Datasheet HTML 12Page - Radiometrix Ltd RPM1 Datasheet HTML 13Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Radiometrix Ltd.
VHF Narrow Band FM Radio Packet Modem
page 9
To configure the RPM1 the HyperTerminal should be set with the following settings.
Figure 6: Serial Port settings to use RPM1 Configurator
Hardware flow control should be disabled. Default baud rate of the RPM1 is 9600bps. However if the
default baud rate of the RPM1 is changed then the baud rate of the HyperTerminal should be matched or
DEFAULT pin should be pulled Low force the RPM1 baud rate to 9600bps.
Figure 7: RPM1 configuration using HyperTerminal
User configurable parameters described in section 3.2 should be entered in the command prompt >
followed by Carriage Return (CR) key. Then SETUP should be pulled-up to VCC and RPM1 should be
RESET to exit the configurator and for the new parameters to be used by RPM1.


Similar Part No. - RPM1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
logo
Schneider Electric
RPM11B7 SCHNEIDER-RPM11B7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V AC
RPM11BD SCHNEIDER-RPM11BD Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 24 V DC
RPM11E7 SCHNEIDER-RPM11E7 Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V AC
RPM11ED SCHNEIDER-RPM11ED Datasheet
190Kb / 6P
   Harmony, Power plug-in relay, 15 A, 1 CO, with lockable test button, 48 V DC
More results

Similar Description - RPM1

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
M48-169-BIM1H RADIOMETRIX-M48-169-BIM1H Datasheet
476Kb / 11P
   VHF 500mW RS232 radio modem
M48-144-SHX1 RADIOMETRIX-M48-144-SHX1 Datasheet
311Kb / 11P
   500mW VHF NBFM multi channel radio modem
RPC-UHF RADIOMETRIX-RPC-UHF Datasheet
710Kb / 28P
   Radio Packet Controller
CPX2 RADIOMETRIX-CPX2 Datasheet
108Kb / 7P
   2700 baud wireless packet modem
FRPC2 RADIOMETRIX-FRPC2 Datasheet
772Kb / 27P
   Fast Radio Packet Controller
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com