Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM3 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # RPM3
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button RPM3 Datasheet HTML 4Page - Radiometrix Ltd RPM3 Datasheet HTML 5Page - Radiometrix Ltd RPM3 Datasheet HTML 6Page - Radiometrix Ltd RPM3 Datasheet HTML 7Page - Radiometrix Ltd RPM3 Datasheet HTML 8Page - Radiometrix Ltd RPM3 Datasheet HTML 9Page - Radiometrix Ltd RPM3 Datasheet HTML 10Page - Radiometrix Ltd RPM3 Datasheet HTML 11Page - Radiometrix Ltd RPM3 Datasheet HTML 12Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 8
FLOW
Sets the serial flow control between the host and RPM3.
Using no flow control enables the RPM3 to be used with a 3 wire serial link (TXD, RXD,
GND). Care must be taken in order to prevent overflowing the 96 byte serial receive
buffer in the RPM3.
Using hardware flow control enables the RPM3 to control the flow of serial data being
received.
default
none
valid range
hw, none
SERDLY
Sets the serial data receive to packet transmit delay.
When the RPM3 receives the first byte of data from the host, it starts a timer running.
Either a full buffer of data to send or a timeout of this timer will allow the packet to be
transmitted.
Fine tuning this delay for the baud rate the RPM3 is operating at can significantly
increase throughput while reducing unnecessary transmissions.
default
2 (x10ms)
valid range
2 to 255 (x10ms)
SHDN
Sets the action of the WAKE input.
Setting shutdown to ON will cause the RPM3 to monitor the WAKE input. When WAKE is
taken high the RPM3 will be forced into low power sleep mode, thus reducing current
consumption. Subsequently lowering the WAKE input will bring the RPM3 out of low
power sleep mode.
SHDN should be set to OFF or WAKE pin should be pulled Low when the host (DTE)
cannot provide DTR control signal to wake RPM3 in a 3-wire serial interface.
default
On
valid range
on, off
RETRY
Sets the number of data retry attempts.
RF interference can cause a transmitted data packet to be lost or corrupt on reception. If
this happens the RPM3 will retransmit any unacknowledged transfer. The transmission
will be retried the specified number of times before the link to the remote unit is
considered ‘lost’ and the data purged.
default
5
valid range
1 to 63
STRTMSG
Enables the startup message.
The startup message is enabled by default, thus giving an immediate indication of the
operation of the RPM3. The message can be disabled prior to deployment of the RPM3
module.
default
On
valid range
on, off
ACKMODE
Enables transfer acknowledgements.
This function enables packet transfer acknowledgements to be returned for every
outgoing packet. Packet acknowledgements aid in the delivery of error free and
consistent data transfers between a pair of modems. Disabling the acknowledgements
results in higher data throughput between modems, but does not protect against lost data
due to RF interference. It should be disabled while using RPM3 in a broadcast mode.
default
On
valid range
on, off
REMOTE
Enables remote configuration.
Over-air remote configuration of a RPM3 module is possible once it has been enabled.
The remote command is used to send remote configuration commands. See the following
chapter for a overview of remotely configuring a RPM3 module.
default
On
valid range
on, off
RADAR
Starts the radar test.
Used as a range or confidence test between RPM3 modules within the same site.
parameter
Unit number between 0 and 15.


Similar Part No. - RPM3

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com