Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM3-914-17 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # RPM3-914-17
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button RPM3-914-17 Datasheet HTML 5Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 13Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 9
To configure the RPM3 the HyperTerminal should be set with the following settings.
Figure 6: Serial Port settings to use RPM3 Configurator
Hardware flow control should be disabled. Default baud rate of the RPM3 is 9600bps. However if the
default baud rate of the RPM3 is changed then the baud rate of the HyperTerminal should be matched or
DEFAULT pin should be pulled Low to force the RPM3 baud rate to 9600bps.
Figure 7: RPM3 configuration using HyperTerminal
User configurable parameters described in section 3.2 should be entered in the command prompt >
followed by Carriage Return (CR) key. Then SETUP should be pulled-up to VCC and RPM3 should be
RESET to exit the configurator and for the new parameters to be used by RPM3.


Similar Part No. - RPM3-914-17

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3-914-17

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com