Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM3-914-17 Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # RPM3-914-17
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-914-17 Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button RPM3-914-17 Datasheet HTML 6Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 7Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 8Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 9Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 10Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 11Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 12Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 13Page - Radiometrix Ltd RPM3-914-17 Datasheet HTML 14Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 10
4.0 EXTENDED RADIO PACKET MODEM FEATURES
4.1 THROUGHPUT
The RPM3 supports three rates, max (17kbps), slots (3.6kbps) and slotsw (1.8bps), of over-air throughput.
MAX: When set to maximum and streaming data at the RPM3, the data is sent as quick as
possible. For host baud rates above 9600bps, data is transmitted continuously with minimal
delay between sequential packets. When this occurs, there is effectively no airtime for another
pair, operating in close proximity, to transmit without causing collisions. The maximum over-air
throughput that can be achieved is 17kbps with ACK and 28kbps without ACK..
Figure 8: RPM3 streaming data
with ACK at maximum throughput
In Figure 8, RS232 serial data bytes accumulated in the receive buffer is transmitted as two 10kbps
bursts by transmitting RPM3 with gaps just enough to receive ACK from receiving RPM3.
Figure
9: RPM3 streaming data without gap for anotherRPM3 pair
For continuous data transmission at baud rates above 9600bps (with ACK) or 19200bps (without ACK),
hardware flow control should be used to prevent the host from causing receive buffer overrun errors.
RPM3 will signal CTS pin to stop/allow the host depending on its Receiver Buffer level.


Similar Part No. - RPM3-914-17

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3-914-17

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com