Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RX2A Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # RX2A
Description  UHF FM receiver module with RSSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX2A Datasheet(HTML) 4 Page - Radiometrix Ltd

  RX2A Datasheet HTML 1Page - Radiometrix Ltd RX2A Datasheet HTML 2Page - Radiometrix Ltd RX2A Datasheet HTML 3Page - Radiometrix Ltd RX2A Datasheet HTML 4Page - Radiometrix Ltd RX2A Datasheet HTML 5Page - Radiometrix Ltd RX2A Datasheet HTML 6Page - Radiometrix Ltd RX2A Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Radiometrix Ltd, RX2A Data Sheet
page 4
Power supply requirements
The RX2A incorporates a built-in regulator which delivers a constant 2.8V to the module
circuitry when the external supply voltage is 2.85V or greater, with 40dB or more of supply
ripple rejection. This ensures constant performance up to the maximum permitted supply rail
and removes the need for external supply decoupling except in cases where the supply rail is
extremely poor (ripple/noise content >0.1Vp-p).
Note, however, that for supply voltages lower than 2.85V the regulator is effectively inoperative
and supply ripple rejection is considerably reduced. Under these conditions the ripple/noise on
the supply rail should be below 10mVp-p to avoid problems. If the quality of the supply is in
doubt, it is recommended that a 10
µF low-ESR tantalum or similar capacitor be added between
the module supply pin (Vcc) and ground, together with a 10
Ω series feed resistor between the
Vcc pin and the supply rail.
Received Signal Strength Indicator (RSSI)
The module incorporates a wide range RSSI which measures the strength of an incoming signal
over a range of approximately 60dB. This allows assessment of link quality and available margin
and is useful when performing range tests.
Please note that the actual RSSI voltage at any given RF input level varies somewhat between
units. The RSSI facility is intended as a relative indicator only - it is not designed to be, or
suitable as, an accurate and repeatable measure of absolute signal level or transmitter-receiver
distance.
The output on pin 3 of the module has a standing DC bias of 0.15V-0.45V (0.25V typ.) with no
signal, rising to 0.9-1.3V (1.15V typ.) at maximum indication. The RSSI output source
impedance is high (~50k
Ω) and external loading should therefore be kept to a minimum.
To ensure a fast response the RSSI has limited internal decoupling of 1nF to ground. This may
result in a small amount of ripple on the DC output at pin 3 of the module. If this is a problem
further decoupling may be added at the expense of response speed, in the form of a capacitor
from pin 3 to ground. For example, adding 10nF here will increase RSSI response time from
100µs to around 1ms. The value of this capacitor may be increased without limit.
Typical RSSI characteristic is shown below (this is for indicative purposes only and is not a
guarantee of actual RSSI characteristics):
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-130 -120 -110 -100 -90
-80
-70
-60
-50
RF level (dBm)
Figure 4: Typical RSSI response


Similar Part No. - RX2A

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX2A-433-10 RADIOMETRIX-RX2A-433-10 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
RX2A-433-10 RADIOMETRIX-RX2A-433-10 Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
RX2A-433-10 RADIOMETRIX-RX2A-433-10 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
RX2A-433-64 RADIOMETRIX-RX2A-433-64 Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
RX2A-433-64 RADIOMETRIX-RX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
More results

Similar Description - RX2A

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX3G RADIOMETRIX-RX3G Datasheet
174Kb / 6P
   UHF FM receiver module with RSSI
logo
Samsung semiconductor
S1T8514B SAMSUNG-S1T8514B Datasheet
104Kb / 6P
   FM IF RECEIVER WITH RSSI
KA8514 SAMSUNG-KA8514 Datasheet
105Kb / 5P
   FM IF RECEIVER WITH RSSI
logo
Radiometrix Ltd
KRX2 RADIOMETRIX-KRX2 Datasheet
141Kb / 9P
   UHF FM Code-Hopping Receiver Module
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
CML Microcircuits
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
   UHF FM/FSK Receiver
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
logo
List of Unclassifed Man...
MXR-505 ETC2-MXR-505 Datasheet
176Kb / 10P
   UHF FM TRANSCEIVER MODULE
logo
Radiometrix Ltd
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-RRF1 RFSOLUTIONS-FM-RRF1 Datasheet
745Kb / 3P
   FM SIL RECEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com