Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPM3-869-17-3V-ANT Datasheet(PDF) 6 Page - Radiometrix Ltd

Part # RPM3-869-17-3V-ANT
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-869-17-3V-ANT Datasheet(HTML) 6 Page - Radiometrix Ltd

Back Button RPM3-869-17-3V-ANT Datasheet HTML 2Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 3Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 4Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 5Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 6Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 7Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 8Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 9Page - Radiometrix Ltd RPM3-869-17-3V-ANT Datasheet HTML 10Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 6
TECHNICAL SPECIFICATION
Note:
1.
RPM3 uses BiM3A (64kbps UHF Wide Band FM) transceiver for its RF interface. Please refer
to BiM3A data sheet for further details on the RF specification.
2.
BiM3A consumes 7mA on transmit and 11mA on receive
General
Operating Voltage
5VDC or 3VDC
Operating Current
ACKMODE ON
Transmitting
Receiving
Average 15mA (Data streaming)
Average 15mA (Data streaming)
ACKMODE OFF
Transmitting
Receiving
Average 14mA (Data streaming)
Average 15mA (Data streaming)
Auto-Standby
4mA (Waiting for Connection)
Power-down
70
µA
Standard Operating frequency
869.85MHz (EU)
914.50MHz (USA, Canada)
TX spectral bandwidth @ -40dBc
250kHz
Operating Temperature
-20ºC to +70ºC
Configuring options
Built-in command line configurator
Interface
Serial Interface
Inverted RS232 at 5V or 3V CMOS level
Serial Protocol
8 data/1 stop/no parity
Serial Signals
RXD, TXD, CTS, WAKE
Power down Control
Via WAKE/DTR signal
Serial Handshaking
Selectable as CTS signal or none
DTE Interface Speed
600/1200/2400/4800/9600/19200/38400/57600/115200 bps
Air Interface Speed
64kbps
Overall throughput – Acknowledged
17kbps (max)
3.6kbps (slots)
1.8kbps (slotsw)
– Unacknowledged 28kbps (max)
3.6kbps (slots)
1.8kbps (slotsw)
Receiver
Sensitivity
-100dBm for 1ppm BER
LO leakage (conducted)
-110dBm (max)
Transmitter
Output Power (typical)
+2dBm (EU version)
-1dBm (US version)
Spurious Emissions
-40dBm max


Similar Part No. - RPM3-869-17-3V-ANT

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3-869-17-3V-ANT

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com