Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C64-30NS3T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28C64-30NS3T
Description  64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C64-30NS3T Datasheet(HTML) 5 Page - STMicroelectronics

  M28C64-30NS3T Datasheet HTML 1Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 2Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 3Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 4Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 5Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 6Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 7Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 8Page - STMicroelectronics M28C64-30NS3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5/24
M28C64
Read
The device is accessed like a static RAM. When E
and G are low, and W is high, the contents of the
addressed location are presented on the I/O pins.
Otherwise, when either G or E is high, the I/O pins
revert to their high impedance state.
Write
Write operations are initiated when both W and E
are low and G is high. The device supports both
W-controlled and E-controlled write cycles (as
shown in Figure 11 and Figure 12). The address is
latched during the falling edge of W or E (which
ever occurs later) and the data is latched on the
rising edge of W or E (which ever occurs first).
After a delay, tWLQ5H, that cannot be shorter than
the value specified in Table 10A to Table 10C, the
internal write cycle starts. It continues, under
internal timing control, until the write operation is
complete. The commencement of this period can
be detected by reading the Page Load Timer
Status on DQ5. The end of the cycle can be
detected by reading the status of the Data Polling
and the Toggle Bit functions on DQ7 and DQ6.
Page Write
The Page Write mode allows up to 64 bytes to be
written on a single page in a single go. This is
achieved through a series of successive Write
operations, no two of which are separated by more
than the tWLQ5H value (as specified in Table 10A
to Table 10C).
All bytes must be located on the same page
address (A12-A6 must be the same for all bytes).
The internal write cycle can start at any instant
after tWLQ5H. Once initiated, the write operation is
internally timed, and continues, uninterrupted,
until completion.
As with the single byte Write operation, described
above, the DQ5, DQ6 and DQ7 lines can be used
to detect the beginning and end of the internally
controlled phase of the Page Write cycle.
Software Data Protection (SDP)
The device offers a software-controlled write-
protection mechanism that allows the user to
inhibit all write operations to the device. This can
be useful
for protecting
the
memory
from
inadvertent write cycles that may occur during
periods of instability (uncontrolled bus conditions
when excessive noise is detected, or when power
supply levels are outside their specified values).
By
default,
the
device
is
shipped
in
the
“unprotected” state: the memory contents can be
freely changed by the user. Once the Software
Data Protection Mode is enabled, all write
commands are ignored, and have no effect on the
memory contents.
The device remains in this mode until a valid
Software Data Protection disable sequence is
received. The device reverts to its “unprotected”
state.
The status of the Software Data Protection
(enabled or disabled) is represented by a non-
Figure 4. Software Data Protection Enable Algorithm and Memory Write
Note: 1. The most significant address bits (A12 to A6) differ during these specific Page Write operations.
AI01356C
Write AAh in
Address 1555h
Write 55h in
Address 0AAAh
Write A0h in
Address 1555h
SDP is set
Write AAh in
Address 1555h
Write 55h in
Address 0AAAh
Write A0h in
Address 1555h
Page Write
(1 up to 64 bytes)
Write to Memory
When SDP is SET
SDP Enable Algorithm
Page Write
Timing
(see note 1)
Page Write
Timing
(see note 1)
Write
is enabled
Physical
Page Write
Instruction


Similar Part No. - M28C64-30NS3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
M28C64C-150K1 STMICROELECTRONICS-M28C64C-150K1 Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
M28C64C-150K6 STMICROELECTRONICS-M28C64C-150K6 Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
M28C64C-150MS1 STMICROELECTRONICS-M28C64C-150MS1 Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
M28C64C-150MS6 STMICROELECTRONICS-M28C64C-150MS6 Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results

Similar Description - M28C64-30NS3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B_09 Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
   256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
January 1999
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
logo
ATMEL Corporation
AT28HC64B-90PU ATMEL-AT28HC64B-90PU Datasheet
342Kb / 18P
   64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com