Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29NS032J0LBAW000 Datasheet(PDF) 4 Page - SPANSION

Part # S29NS032J0LBAW000
Description  Burst Mode Flash Memories
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS032J0LBAW000 Datasheet(HTML) 4 Page - SPANSION

  S29NS032J0LBAW000 Datasheet HTML 1Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 2Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 3Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 4Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 5Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 6Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 7Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 8Page - SPANSION S29NS032J0LBAW000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
4
S29NS-J
S29NS-J_00_A11 February 7, 2007
Da ta
Sh e e t
The devices operate within the temperature range of –25
°C to +85 °C, and are offered Very Thin FBGA
packages.
Simultaneous Read/Write Operations with Zero Latency
The Simultaneous Read/Write architecture divides the memory space into four banks. The device allows a
host system to program or erase in one bank, then immediately and simultaneously read from another bank,
with zero latency. This releases the system from waiting for the completion of program or erase operations.
The devices are structured as shown in the following tables:
The devices use Chip Enable (CE#), Write Enable (WE#), Address Valid (AVD#) and Output Enable (OE#) to
control asynchronous read and write operations. For burst operations, the devices additionally require Ready
(RDY) and Clock (CLK). This implementation allows easy interface with minimal glue logic to
microprocessors/microcontrollers for high performance read operations.
The devices offer complete compatibility with the JEDEC 42.4 single-power-supply Flash command set
standard. Commands are written to the command register using standard microprocessor write timings.
Reading data out of the device are similar to reading from other Flash or EPROM devices.
The host system can detect whether a program or erase operation is complete by using the device status bit
DQ7 (Data# Polling). After a program or erase cycle has been completed, the device automatically returns to
reading array data.
The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the
data contents of other sectors. The devices are fully erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automatically inhibits write operations
during power transitions. The devices also offer three types of data protection at the sector level. The sector
S29NS128J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
48 Kwords
64
32 Kwords
63
32 Kwords
32 Mbits total
96 Mbits total
S29NS064J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
48 Kwords
32
32 Kwords
31
32 Kwords
16 Mbits total
48 Mbits total
S29NS032J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
48 Kwords
16
32 Kwords
15
32 Kwords
8 Mbits total
24 Mbits total
S29NS016J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
48 Kwords
8
32 Kwords
7
32 Kwords
4 Mbits total
12 Mbits total


Similar Part No. - S29NS032J0LBAW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS032J0LBFW00 SPANSION-S29NS032J0LBFW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29NS032J0LBJW00 SPANSION-S29NS032J0LBJW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results

Similar Description - S29NS032J0LBAW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com