Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHS4257L Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHS4257L
Description  IEEE 802.3af PoE Powered Device (PD) interface controller with integrated signature resistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS4257L Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHS4257L Datasheet HTML 5Page - STMicroelectronics STHS4257L Datasheet HTML 6Page - STMicroelectronics STHS4257L Datasheet HTML 7Page - STMicroelectronics STHS4257L Datasheet HTML 8Page - STMicroelectronics STHS4257L Datasheet HTML 9Page - STMicroelectronics STHS4257L Datasheet HTML 10Page - STMicroelectronics STHS4257L Datasheet HTML 11Page - STMicroelectronics STHS4257L Datasheet HTML 12Page - STMicroelectronics STHS4257L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STHS4257A, STHS4257A1, STHS4257L, STHS4257L1
Summary description
9/18
Figure 5.
Block diagram (STHS4257A/L)
Figure 6.
Typical application circuit (STHS4257A/L) with a DC/DC converter
RS
ref
25k
Signature
Resistor
Power Good
Input
Current
Limit
Classification
Current Source
Control
Circuits
+
+
EN
EN
VIN
GND
AI12206c
PWRGD
1
2
3
4
8
7
6
5
ref
NC
NC
RCLASS
NC
VOUT
Power
MOSFET
100
k
Ω
5µF
(min)
100V
0.1µF
100V
SMAJ58A
RCLASS
VIN
48V from
power sourcing
equipment (PSE)
AI12207a
RCLASS
SHDN
~
~
+
+
+
3V
to logic
STHS4257A/L
Powered Device (PD)
Switching
Power
Supply
Diode
Bridge
VIN
DF01S
GND
VOUT
RTN
PWRGD
C1
C2


Similar Part No. - STHS4257L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
STHS2375ADW6E STMICROELECTRONICS-STHS2375ADW6E Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
STHS2375ADW6F STMICROELECTRONICS-STHS2375ADW6F Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
STHS2375AM6E STMICROELECTRONICS-STHS2375AM6E Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
STHS2375AM6F STMICROELECTRONICS-STHS2375AM6F Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
More results

Similar Description - STHS4257L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
MP8005 MPS-MP8005 Datasheet
303Kb / 11P
   13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com