Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2C-AS1T2M Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # B2C-AS1T2M
Description  High Performance SMD White LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

B2C-AS1T2M Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button B2C-AS1T2M Datasheet HTML 2Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 3Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 4Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 5Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 6Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 7Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 8Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 9Page - Everlight Electronics Co., Ltd B2C-AS1T2M Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
93-11/B2C-AS1T2M/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 7 of 10
Device No.: DSE-931-101
Prepared date:24-Jan-2007
Prepared by: Teresa Lee
Carrier Tape Dimensions; Loaded quantity per reel 2000 PCS/reel
Note: Tolerances Unless Dimension ±0.1mm
Unit = mm
Moisture Resistant Packaging
Label
Desiccant
Label
Aluminum moisture-proof bag


Similar Part No. - B2C-AS1T2M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
B2C250Y PHILIPS-B2C250Y Datasheet
94Kb / 20P
   CAN controller interface
2000 Jan 13
More results

Similar Description - B2C-AS1T2M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
93-21UTC EVERLIGHT-93-21UTC Datasheet
221Kb / 10P
   High Performance SMD White LED with Reflector
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com