Selected language     English  â–Ľ


F-229X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. F-229X
Description  POWER TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Single Secondary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
22520B Temescal Canyon Road
Corona, California
92883
Publish Date: August 27, 2006
F-229X
Electrical Specifications (@25C)
1. Maximum Power: 48.0 VA
2. Primary: 115V 60 Hz
3. Secondary: 24.0V @ 2.00 Amps
4. Voltage Regulation: 10 % TYP @ full load to no load
5. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-229X is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
C
D
B
A
BLK
BLK
GRN
GRN
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130Âş C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: In inches
A
B
C
D
1.562
4.00
2.00
3.562
Mounting Hole Diameter: .187 in
Lead length:
7.0 inches + 1 inch
Weight:
2.30 lbs
Schematic:
BLK
BLK
GRN
GRN
Primary:
Black to Black
Secondary: Green to Green
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2002/95/EC, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
FD6-24Power Transformer Chassis Mount: Quick Pack 1 List of Unclassifed Manufacturers
VPS28-900POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES 1 TRIAD MAGNETICS
41FJ020Power Transformer 1 List of Unclassifed Manufacturers
CLS8D28BPower Inductor & Transformer 1 Sumida Corporation
CLS4D14_07Power Inductor & 2 in 1 Transformer 1 2 Sumida Corporation
EE1916General Power Transformer < Pin Type:EE Series> 1 Sumida Corporation
EI-25SGeneral Power Transformer Type: EI Series> 1 Sumida Corporation
CMD-6General Power Transformer Type: CMD Series> 1 2 Sumida Corporation
VPS10-2500POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES 1 TRIAD MAGNETICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl