Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF38F5070M0RWB0 Datasheet(PDF) 11 Page - Numonyx B.V

Part # PF38F5070M0RWB0
Description  StrataFlash짰 Cellular Memory
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PF38F5070M0RWB0 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button PF38F5070M0RWB0 Datasheet HTML 7Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 8Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 9Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 10Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 11Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 12Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 13Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 14Page - Numonyx B.V PF38F5070M0RWB0 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 139 page
background image
April 2008
Datasheet
309823-10
11
Numonyx™ StrataFlash® Cellular Memory (M18)
• Deep Power-Down (DPD) mode: DPD provides the lowest power consumption and
is enabled by programming in the Enhanced Configuration Register. DPD is initiatied
by asserting the DPD pin.
2.2
Configuration and Memory Map
The Numonyx™ StrataFlash® Cellular Memory device features a symmetrical block
architecture. The flash device main array is divided as follows:
• The main array of the 128-Mbit device is divided into eight 16-Mbit partitions. Each
parition is divided into eight 256-KByte blocks: 8 x 8 = 64 blocks in the main array
of a 128-Mbit device.
• The main array of the 256-Mbit device is divided into eight 32-Mbit partitions. Each
parition is divided into sixteen 256-KByte blocks: 8 x 16 = 128 blocks in the main
array of a 256-Mbit device.
• The main array of the 512-Mbit device is divided into eight 64-Mbit partitions. Each
parition is divided into thirty-two 256-KByte blocks: 8 x 32 = 256 blocks in the
main array of a 256-Mbit device.
• The main array of the 1-Gbit device is divided into eight 128-Mbit partitions. Each
parition is divided into sixty-four 256-KByte blocks: 8 x 64 = 512 blocks in the
main array of a 1-Gbit device.
Each block is divided into as many as two-hundred-fifty-six 1-KByte programming
regions. Each region is divided into as many as thirty-two 32-Byte segments.
Table 5:
Main Array Memory Map (Sheet 1 of 2)
Partition
Mbit
128-Mbit Device
Mbit
256-Mbit Device
Mbit
512-Mbit Device
Mbit
1-Gbit Device
Blk
#
Address
Range
Blk
#
Address
Range
Blk
#
Address
Range
Blk
#
Address
Range
7
16
63
07E0000-
07FFFFF
32
127
0FE0000-
0FFFFFF
64
255
1FE0000-
1FFFFFF
128
511
3FE0000-
3FFFFFF
56
0700000-
071FFFF
112
0E00000-
0E1FFFF
224
1C00000-
1C1FFFF
448
3800000-
381FFFF
6
16
55
06E0000-
06FFFFF
32
111
0DE0000-
0DFFFFF
64
223
1BE0000-
1BFFFFF
128
447
37E0000-
37FFFFF
48
0600000-
061FFFF
96
0C00000-
0C1FFFF
192
1800000-
181FFFF
384
3000000-
301FFFF
5
16
47
05E0000-
05FFFFF
32
95
0BE0000-
0BFFFFF
64
191
17E0000-
17FFFFF
128
383
2FE0000-
2FFFFFF
40
0500000-
051FFFF
80
0A00000-
0A1FFFF
160
1400000-
141FFFF
320
2800000-
281FFFF
4
16
39
04E0000-
04FFFFF
32
79
09E0000-
09FFFFF
64
159
13E0000-
13FFFFF
128
319
27E0000-
27FFFFF
32
0400000-
041FFFF
64
0800000-
081FFFF
128
1000000-
101FFFF
256
2000000-
201FFFF


Similar Part No. - PF38F5070M0RWB0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PF38F5070M0R0B NUMONYX-PF38F5070M0R0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - PF38F5070M0RWB0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com