Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V375B15H250A Datasheet(PDF) 4 Page - Vicor Corporation

Part # V375B15H250A
Description  48Vin / 2Vout / 100Watts DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375B15H250A Datasheet(HTML) 4 Page - Vicor Corporation

  V375B15H250A Datasheet HTML 1Page - Vicor Corporation V375B15H250A Datasheet HTML 2Page - Vicor Corporation V375B15H250A Datasheet HTML 3Page - Vicor Corporation V375B15H250A Datasheet HTML 4Page - Vicor Corporation V375B15H250A Datasheet HTML 5Page - Vicor Corporation V375B15H250A Datasheet HTML 6Page - Vicor Corporation V375B15H250A Datasheet HTML 7Page - Vicor Corporation V375B15H250A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V48B2C100A DC-DC Converter
Rev. 5.2
Page 4 of 8
Set your site on VICOR at www.vicorpower.com
CONTROL FUNCTIONS - PC PIN
Module Enable/Disable
The module may be disabled by pulling PC below 2.3V with
respect to the –Input. This may be done with an open collector
transistor, relay, or optocoupler. Multiple converters may be
disabled with a single transistor or relay either directly or via
“OR’ing” diodes. See Figure 1.
Module Alarm
The module contains “watchdog” circuitry which monitors
input voltage, operating temperature and internal operating
parameters. In the event that any of these parameters are
outside of their allowable operating range, the module will shut
down and PC will go low. PC will periodically go high and the
module will check to see if the fault (as an example,
overtemperature) has cleared. If the fault has not been cleared,
PC will go low again and the cycle will restart. The SC pin will
go low in the event of a fault and return to its normal state after
the fault has been cleared. See Figures 2 and 4.
Disable
Disable = PC <2.3V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 1—Module enable/disable.
Figure 3—LED on-state indicator.
4k
"Module
Enabled"
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Optocoupler
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
4kW
Alarm
1.00V
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Input Undervoltage
2-20ms typ.
f (VIN)
Auto
Restart
5.7Vdc
(0-3mA)
50
SW2
SW3
1.23
Vdc
6K
1K
SW1
SW1, 2, & 3
shown in
"Fault" position
Input Overvoltage
Overtemperature
Module Faults
Figure 2—PC/SC module alarm logic.
Figure 5—Isolated on-state indicator.
2-20ms typ.
Fault
SC
PC
1.23V
5.7V
40
µs typ.
Figure 4—PC/SC module alarm timing.
Figure 6—Secondary side on-state indicator.
Primary Auxiliary Supply
At 5.7V, PC can source up to 1.5mA. In the example shown in
Figure 3, PC powers a module enabled LED.


Similar Part No. - V375B15H250A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375B15H250A VICOR-V375B15H250A Datasheet
179Kb / 8P
   DC-DC Converter Module
V375B15H250A VICOR-V375B15H250A Datasheet
183Kb / 8P
   DC-DC Converter Module
V375B15H250A VICOR-V375B15H250A Datasheet
183Kb / 8P
   300Vin / 48Vout / 250Watts DC-DC Converter Module
V375B15H250A VICOR-V375B15H250A Datasheet
183Kb / 8P
   48Vin / 48Vout / 250Watts DC-DC Converter Module
V375B15H250A VICOR-V375B15H250A Datasheet
183Kb / 8P
   300Vin / 28Vout / 250Watts DC-DC Converter Module
More results

Similar Description - V375B15H250A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B2C100B VICOR-V48B2C100B Datasheet
145Kb / 8P
   48Vin / 2Vout / 100Watts DC-DC Converter Module
V300B2C100A VICOR-V300B2C100A Datasheet
179Kb / 8P
   300Vin / 2Vout / 100Watts DC-DC Converter Module
V48A2C160A VICOR-V48A2C160A Datasheet
192Kb / 8P
   48Vin / 2Vout / 160Watts DC-DC Converter Module
V48C2C50B VICOR-V48C2C50B Datasheet
145Kb / 8P
   48Vin / 2Vout / 50Watts DC-DC Converter Module
V48C5C100B VICOR-V48C5C100B Datasheet
173Kb / 8P
   48Vin / 5Vout / 100Watts DC-DC Converter Module
V375A2C160A VICOR-V375A2C160A Datasheet
190Kb / 8P
   375Vin / 2Vout / 160Watts DC-DC Converter Module
V24A2C160A VICOR-V24A2C160A Datasheet
192Kb / 9P
   24Vin / 2Vout / 160Watts DC-DC Converter Module
V300A2C160B VICOR-V300A2C160B Datasheet
151Kb / 8P
   300Vin / 2Vout / 160Watts DC-DC Converter Module
V300C2C50A VICOR-V300C2C50A Datasheet
172Kb / 8P
   300Vin / 2Vout / 50Watts DC-DC Converter Module
V375C12C150A VICOR-V375C12C150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com