Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT165 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HCT165
Description  8 BIT PISO SHIFT REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT165 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HCT165 Datasheet HTML 1Page - STMicroelectronics M74HCT165 Datasheet HTML 2Page - STMicroelectronics M74HCT165 Datasheet HTML 3Page - STMicroelectronics M74HCT165 Datasheet HTML 4Page - STMicroelectronics M74HCT165 Datasheet HTML 5Page - STMicroelectronics M74HCT165 Datasheet HTML 6Page - STMicroelectronics M74HCT165 Datasheet HTML 7Page - STMicroelectronics M74HCT165 Datasheet HTML 8Page - STMicroelectronics M74HCT165 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
S/L
Asynchronous Parallel
Load Input
2
QH
Complementary Output
7
QH
Serial Output
9
CLOCK
Clock Input (LOW to
HIGH edge triggered)
10
SI
Serial Data Input
11, 12, 13,
14, 3, 4, 5,
6
A to H
Parallel Data Inputs
15
CLOCK INH
CLock Inhibit
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
IEC LOGIC SYMBOL
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Source Sink Current Per Output Pin
± 25
mA
ICC or IGND
DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500 (*)
mW
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
(*) 500 mW:
≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature: M54HC Series
M74HC Series
-55 to +125
-40 to +85
oC
oC
tr,tf
Input Rise and Fall Time (VCC = 4.5 to 5.5V)
0 to 500
ns
M54/M74HCT165
3/13


Similar Part No. - M74HCT165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT160 STMICROELECTRONICS-M74HCT160 Datasheet
329Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HCT160B1R STMICROELECTRONICS-M74HCT160B1R Datasheet
329Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HCT160C1R STMICROELECTRONICS-M74HCT160C1R Datasheet
329Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HCT160M1R STMICROELECTRONICS-M74HCT160M1R Datasheet
329Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HCT161 STMICROELECTRONICS-M74HCT161 Datasheet
329Kb / 16P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results

Similar Description - M74HCT165

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC165 STMICROELECTRONICS-M74HC165 Datasheet
475Kb / 12P
   8 BIT PISO SHIFT REGISTER
M74HC166 STMICROELECTRONICS-M74HC166 Datasheet
506Kb / 12P
   8 BIT PISO SHIFT REGISTER
M54HC166 STMICROELECTRONICS-M54HC166 Datasheet
270Kb / 13P
   8 BIT PISO SHIFT REGISTER
M74HC165 STMICROELECTRONICS-M74HC165_08 Datasheet
362Kb / 21P
   8-bit PISO shift register
M54HC166 STMICROELECTRONICS-M54HC166_04 Datasheet
334Kb / 11P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
M54HC165 STMICROELECTRONICS-M54HC165 Datasheet
316Kb / 12P
   RAD-HARD 8 BIT PISO SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com