Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HCT163 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M54HCT163
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT163 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M54HCT163 Datasheet HTML 5Page - STMicroelectronics M54HCT163 Datasheet HTML 6Page - STMicroelectronics M54HCT163 Datasheet HTML 7Page - STMicroelectronics M54HCT163 Datasheet HTML 8Page - STMicroelectronics M54HCT163 Datasheet HTML 9Page - STMicroelectronics M54HCT163 Datasheet HTML 10Page - STMicroelectronics M54HCT163 Datasheet HTML 11Page - STMicroelectronics M54HCT163 Datasheet HTML 12Page - STMicroelectronics M54HCT163 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(CK - Q)
4.5
23
36
45
54
ns
tPLH
tPHL
Propagation
Delay Time
(CK-CO)
4.5
27
42
53
63
ns
tPLH
Propagation
Delay Time
(TE-CO)
4.5
21
33
41
50
ns
tPLH
Propagation
Delay Time
(CLEAR - Q)
4.5
for
HCT160/161
only
26
40
50
60
ns
tPHL
Propagation
Delay Time
(CLEAR-CO)
4.5
for
HCT160/161
only
28
43
54
65
ns
fMAX
Maximum Clock
Frequency
4.5
31
49
25
21
MHz
tW(H)
tW(L)
Minimum Pulse
Width (CK)
4.5
8
151922
ns
tW(L)
Minimum Pulse
Width
(CLEAR)
4.5
for
HCT160/161
only
8
151922
ns
ts
Minimum Set-up
Time
(LOAD, PE, TE)
4.5
11
20
25
30
ns
ts
Minimum Set-up
Time
(A, B, C, D)
4.5
5
151922
ns
ts
Minimum Set-up
Time
(CLEAR)
4.5
for
HCT162/163
only
5
151922
ns
th
Minimum Hold
Time
4.5
5
5
8
ns
tREM
Minimum
Removal Time
(CLEAR)
4.5
for
HCT160/161
only
5
151922
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
33
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
M54/M74HCT160/161/162/163
9/16


Similar Part No. - M54HCT163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT164 STMICROELECTRONICS-M54HCT164 Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HCT164F1R STMICROELECTRONICS-M54HCT164F1R Datasheet
252Kb / 12P
   8 BIT SIPO SHIFT REGISTER
M54HCT165 STMICROELECTRONICS-M54HCT165 Datasheet
277Kb / 13P
   8 BIT PISO SHIFT REGISTER
M54HCT165F1R STMICROELECTRONICS-M54HCT165F1R Datasheet
277Kb / 13P
   8 BIT PISO SHIFT REGISTER
More results

Similar Description - M54HCT163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com