Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UUD1A680MNR1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # UUD1A680MNR1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UUD1A680MNR1GS Datasheet(HTML) 1 Page - Nichicon corporation

  UUD1A680MNR1GS Datasheet HTML 1Page - Nichicon corporation UUD1A680MNR1GS Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CAT.8100T
ALUMINUM ELECTROLYTIC CAPACITORS
0.3 MAX.
C
±0.2
H
H
0.3 MAX.
C
±0.2
L
±0.3
L
±0.5
Series
Capacitance
Lot No.
Lot No.
Capacitance
Plastic platform
Plastic platform
Series
Trade mark
Voltage (C:16V)
Voltage (V:35V)
Negative
Positive
Negative
Positive
Pressure relief vent
U
1
U
2
D
3
1
4
C
5
2
6
2
7
0
8
M
9
C
10
R
11
1
12
G
13
S
14
φ D × L
4 ~ 6.3
8 10
CR
NR
Configuration
Package code
Capacitance tolerance (
±20%)
Rated Capacitance (22
µF)
Rated voltage (16V)
Series name
Type
Code
(mm)
A
B
C
E
L
H
4
× 5.8
1.8
4.3
4.3
1.0
5.8
0.5 ~ 0.8
5
× 5.8
2.1
5.3
5.3
1.3
5.8
0.5 ~ 0.8
6.3
× 5.8
2.4
6.6
6.6
2.2
5.8
0.5 ~ 0.8
6.3
× 7.7
2.4
6.6
6.6
2.2
7.7
0.5 ~ 0.8
8
× 10
2.9
8.3
8.3
3.1
10
0.8 ~ 1.1
10
× 10
3.2
10.3
10.3
4.5
10
0.8 ~ 1.1
φ D × L
UD
series
Chip Type, Low Impedance
Chip type, low impedance temperature range up to +105°C.
Designed for surface mounting on high density PC board.
Applicable to automatic mounting machine using carrier tape.
Chip Type
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
tan
δ
Stability at Low Temperature
Endurance
Shelf Life
Resistance to soldering
heat
Marking
Performance Characteristics
Item
– 55 ~ +105°C
6.3 ~ 50V
1 ~ 1500µF
± 20% at 120Hz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA), whichever is greater.
Black print on the case top.
After 5000 hours' (2000 hours for
φD 6.3)
application of rated voltage at 105°C , capacitors
meet the characteristic requirements listed at
right.
After leaving capacitors under no load at 105°C for 1000 hours,
they meet the specified value for endurance characteristics listed above.
Type numbering system (Example : 16V 22µF)
Measurement frequency : 120Hz, Temperature : 20°C
Measurement frequency : 120Hz
(
) is
φ8 over
Z– 25°C / Z+20°C
Z– 55°C / Z+20°C
Rated voltage (V)
Impedance ratio
ZT / Z20 (MAX.)
16
2
4
10
2
4
6.3
3
5
25
2
3
35
2
3
50
2
3
Rated voltage (V)
tan
δ (MAX.)
50
0.12 (0.14)
35
0.12 (0.14)
25
0.14 (0.16)
16
0.16 (0.20)
10
0.20 (0.24)
6.3
0.26 (0.28)
Within ±30% of initial value
Initial specified value or less
200% or less of initial specified value
Capacitance change
tan
δ
Leakage current
Capacitance change
Leakage current
tan
δ
Within ±10% of initial value
Initial specified value or less
Initial specified value or less
The capacitors shall be kept on the hot plate maintained at 250°C
for 30 seconds. After removing from the hot plate and restored
at room temperature, they meet the characteristic requirements
listed at right.
UD
(
φ4 ~ 6.3)
(
φ8, φ10×10L)
Dimension table in next page.
Voltage
V
6.3
10
16
25
35
50
Code
j
ACE
V
H
WG
Low Impedance
Low Impedance
UU
The lead-free product is also available upon request.
In this case,
will be put at 11th digit of type numbering system.
L


Similar Part No. - UUD1A680MNR1GS

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UUD1A680MCL NICHICON-UUD1A680MCL Datasheet
57Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUD1A680MCL1GS NICHICON-UUD1A680MCL1GS Datasheet
452Kb / 3P
   Chip Type, Low Impedance
More results

Similar Description - UUD1A680MNR1GS

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com