Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUR20100CT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SUR20100CT
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR20100CT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SUR20100CT Datasheet HTML 1Page - Sirectifier Semiconductors SUR20100CT Datasheet HTML 2Page - Sirectifier Semiconductors SUR20100CT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUR20100CT
Ultra Fast Recovery Epitaxial Diodes
SUR20100CT
VRSM
V
1000
VRRM
V
1000
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=100
oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
25
10
150
A
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
75
80
65
70
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
28
27
21
20
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Ptot
TC=25
oC
Md
Mounting torque
78
0.4...0.6
2
W
Nm
Weight
g
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB


Similar Part No. - SUR20100CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR20100CT SIRECTIFIER-SUR20100CT Datasheet
252Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR20100CT SIRECTIFIER-SUR20100CT_16 Datasheet
252Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR20100CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com