Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUR3020PT Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # HUR3020PT
Description  High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR3020PT Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  HUR3020PT Datasheet HTML 1Page - Sirectifier Semiconductors HUR3020PT Datasheet HTML 2Page - Sirectifier Semiconductors HUR3020PT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HUR3020PT, HUR3030PT, HUR3040PT
ADVANTAGES
* Avalanche voltage rated for reliable
operation
* Soft reverse recovery for low
EMI/RFI
* Low IRM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
APPLICATIONS
* Antiparallel diode for high frequency
switching devices
* Antisaturation diode
* Snubber diode
* Free wheeling diode in converters
and motor control circuits
* Rectifiers in switch mode power
supplies (SMPS)
* Inductive heating
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
* Planar passivated chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25
oC; VR=VRRM
TVJ=150
oC; VR=VRRM
100
0.5
uA
mA
IR
RthJC
RthCH
1.6
K/W
trr
IF=1A; -di/dt=100A/us; VR=30V; TVJ=25
oC
ns
IRM
VR=100V; IF=25A; -diF/dt=100A/us; TVJ=100
oC
2.7
A
IF=15A; TVJ=150
oC
TVJ=25
oC
1.21
1.68
V
VF
0.5
30
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode


Similar Part No. - HUR3020PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HUR3020PT ETC1-HUR3020PT Datasheet
256Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
logo
Sirectifier Semiconduct...
HUR3020PT SIRECTIFIER-HUR3020PT Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
HUR3020PT SIRECTIFIER-HUR3020PT_16 Datasheet
263Kb / 3P
   Soft Recovery Behaviour High-Performance Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - HUR3020PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR20100CT SIRECTIFIER-HUR20100CT Datasheet
310Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-100 SIRECTIFIER-HUR2X60-100 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2X60-60 SIRECTIFIER-HUR2X60-60 Datasheet
271Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6040PT SIRECTIFIER-HUR6040PT Datasheet
252Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR3020CT SIRECTIFIER-HUR3020CT Datasheet
311Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR2960 SIRECTIFIER-HUR2960 Datasheet
247Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR6060PT SIRECTIFIER-HUR6060PT Datasheet
260Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR830 SIRECTIFIER-HUR830 Datasheet
244Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR30100 SIRECTIFIER-HUR30100 Datasheet
248Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR60100PT SIRECTIFIER-HUR60100PT Datasheet
259Kb / 3P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
HUR820 SIRECTIFIER-HUR820 Datasheet
161Kb / 2P
   High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com