Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF38F5070M0QBV0 Datasheet(PDF) 9 Page - Numonyx B.V

Part # PF38F5070M0QBV0
Description  StrataFlash짰 Cellular Memory
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PF38F5070M0QBV0 Datasheet(HTML) 9 Page - Numonyx B.V

Back Button PF38F5070M0QBV0 Datasheet HTML 5Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 6Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 7Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 8Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 9Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 10Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 11Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 12Page - Numonyx B.V PF38F5070M0QBV0 Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
April 2008
Datasheet
309823-10
9
Numonyx™ StrataFlash® Cellular Memory (M18)
1.4
Conventions
ETOX
EPROM Tunnel Oxide
FDI
Numonyx™ Flash Data Integrator
RCR
Read Configuration Register (Flash)
RFU
Reserved for Future Use
SCSP
Stacked Chip Scale Package
Table 2:
List of Acronyms
Acronym
Meaning
Table 3:
Datasheet Conventions
Convention
Meaning
Group Membership Brackets
Square brackets are used to designate group membership or to define a group of signals with a
similar function, such as A[21:1].
VCC vs. VCC
When referring to a signal or package-connection name, the notation used is VCC. When
referring to a voltage level, the notation used is subscripted such as VCC.
Device
This term is used interchangeably throughout this document to denote either a particular die, or
all die in the package.
F[3:1]-CE#,
F[2:1]-OE#
This is the method used to refer to more than one chip-enable or output enable. When each is
referred to individually, the reference is F1-CE# and F1-OE# (for die #1), and F2-CE# and F2-
OE# (for die #2).
F-VCC P-VCC, S-VCC
When referencing flash memory signals, the notation used is F-VCC or F-VCC, respectively. When
the reference is to PSRAM signals or timings, the notation is prefixed with “P-” (for example, P-
VCC, P-VCC).
When referencing SRAM signals or timings, the notation is prefixed with “S-” (for example, S-
VCC or S-VCC).
P-VCC and S-VCC are RFU for stacked combinations that do not include PSRAM or SRAM.
R-OE#, R-LB#,
R-UB#, R-WE#
Used to identify RAM OE#, LB#, UB#, WE# signals, and are usually shared between two or
more RAM die. R-OE#, R-LB#, R-UB# and R-WE# are RFU for stacked combinations that do not
include PSRAM or SRAM.
00FFh
Denotes 16-bit hexadecimal numbers
00FF 00FFh
Denotes 32-bit hexadecimal numbers


Similar Part No. - PF38F5070M0QBV0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
PF38F5070M0Q0B NUMONYX-PF38F5070M0Q0B Datasheet
1Mb / 102P
   Numonyx Wireless Flash Memory (W18)
More results

Similar Description - PF38F5070M0QBV0

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
RC28F128J3A INTEL-RC28F128J3A_13 Datasheet
990Kb / 72P
   Intel StrataFlash짰 Memory
logo
Numonyx B.V
28F128L30 NUMONYX-28F128L30 Datasheet
1Mb / 102P
   StrataFlash짰 Wireless Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5_02 Datasheet
617Kb / 51P
   5 Volt Intel StrataFlash짰 Memory
logo
Numonyx B.V
JS28F128P30T85A NUMONYX-JS28F128P30T85A Datasheet
1Mb / 97P
   Numonyx??StrataFlash짰 Embedded Memory (P30)
logo
Intel Corporation
28F640L30 INTEL-28F640L30 Datasheet
1Mb / 100P
   1.8 Volt Intel StrataFlash짰 Wireless Memory with 3.0-Volt I/O (L30)
logo
M/A-COM Technology Solu...
CSM1-17 MA-COM-CSM1-17 Datasheet
97Kb / 3P
   Cellular Applications
logo
RFHIC
RFUR08-50 RFHIC-RFUR08-50 Datasheet
239Kb / 5P
   Cellular Converter
logo
Analog Devices
HMC832 AD-HMC832 Datasheet
1Mb / 49P
   Cellular infrastructure
logo
World Produts Inc.
WPANT30074-S1A WPI-WPANT30074-S1A_15 Datasheet
296Kb / 5P
   4G Cellular
logo
Guangdong Youtai Semico...
ESD3Z5V0 UMW-ESD3Z5V0 Datasheet
865Kb / 4P
   Cellular phones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com