Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2146IJS-0.6-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2146IJS-0.6-T1
Description  Low Noise, Fast Transient 600mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2146IJS-0.6-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2146IJS-0.6-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2146IJS-0.6-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2146.2008.04.1.1
7
www .analogictech.com
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2146.2008.04.1.1
7
www .analogictech.com
Typical Characteristics
N-Channel R
DS(ON) vs. Input Voltage
Input Voltage (V)
200
250
300
350
400
450
500
550
2.5
3
3.5
4
4.5
5
5.5
6
120°C
100°C
85°C
25°C
Load Transient
(VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 100pF)
Time (50µs/div)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
300mA
1mA
300mA
1mA
Load Transient
(VIN = 3.6V; VOUT = 1.8V; COUT = 4.7µF; CFF = 0pF)
Time (50µs/div)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
400mA
300mA
400mA
300mA
Load Transient
(VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 0pF)
Time (50µs/div)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
400mA
400mA
300mA
300mA
Load Transient
(VIN = 3.6V; VOUT = 1.8V; COUT = 10µF; CFF = 100pF)
Time (50µs/div)
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
400mA
300mA
400mA
300mA
Line Transient
(VOUT = 1.8V; VIN = 3.6V to 4.2V; IOUT = 400mA; CFF = 0pF)
Time (50µs/div)
0
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
1.76
1.78
1.8
1.82
1.84
1.86
1.88
1.9
1.92


Similar Part No. - AAT2146IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146IJS-0.6-T1 ANALOGICTECH-AAT2146IJS-0.6-T1 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT2146IJS-0.6-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2148 SKYWORKS-AAT2148 Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 1A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
   High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com