Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2515IWP-AA-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2515IWP-AA-T1
Description  Dual 600mA Fast Transient High Frequency Buck Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2515IWP-AA-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2515IWP-AA-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2515IWP-AA-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AAT2515
Dual 600mA Fast Transient High Frequency Buck Converter
SystemPowerTM
PRODUCT DATASHEET
2515.2007.12.1.0
1
www .analogictech.com
General Description
The AAT2515 is a dual channel synchronous buck con-
verter operating with an input voltage range of 2.7V to
5.5V, making it ideal for applications with single-cell
lithium-ion/polymer batteries.
Both regulators have independent input and enable pins.
Offered with fixed or adjustable output voltages, each
channel is designed to operate with 27μA (typical) of
quiescent current, allowing for high efficiency under light
load conditions.
The AAT2515 requires only three external components
(CIN, COUT, and LX) for each converter, minimizing cost and
real estate. Both channels are designed to deliver 600mA
of load current and operate with a switching frequency of
1.4MHz, reducing the size of external components.
The AAT2515 is available in a Pb-free, 12-pin TDFN33
package and is rated over the -40°C to +85°C tempera-
ture range.
Features
• VIN Range: 2.7V to 5.5V
• Output Current:
Channel 1: 600mA
Channel 2: 600mA
• 98% Efficient Step-Down Converter
• Integrated Power Switches
• 100% Duty Cycle
• 1.4MHz Switching Frequency
• Internal Soft Start
• 150μs Typical Turn-On Time
• Over-Temperature Protection
• Current Limit Protection
• TDFN33-12 Package
• -40°C to +85°C Temperature Range
Applications
• Cellular Phones
• Digital Cameras
• Handheld Instruments
• Microprocessor / DSP Core / IO Power
• PDAs and Handheld Computers
Typical Application
AAT2515
10μF
10μF
GND
LX1
FB1
VIN1
VIN2
V
BAT
CIN
EN1
EN2
L1
4.7μH
L2
4.7μH
COUT
10μF
V
OUT1
LX2
FB2
V
OUT2


Similar Part No. - AAT2515IWP-AA-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2515IWP-AA-T1 SKYWORKS-AAT2515IWP-AA-T1 Datasheet
1Mb / 20P
   Dual 600mA, Fast Transient High Frequency Buck Converter
More results

Similar Description - AAT2515IWP-AA-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2515 SKYWORKS-AAT2515 Datasheet
1Mb / 20P
   Dual 600mA, Fast Transient High Frequency Buck Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
SYNC POWER Crop.
SP3406 SYNC-POWER-SP3406 Datasheet
154Kb / 6P
   600mA Buck Converter
logo
Advanced Analogic Techn...
AAT2512 ANALOGICTECH-AAT2512 Datasheet
729Kb / 20P
   Dual 400mA High Frequency Buck Converter
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com