Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2783 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2783
Description  Triple Output PMIC: Dual Buck with Low-VIN LDO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2783 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2783 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2783 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AAT2783
Triple Output PMIC: Dual Buck with Low-VIN LDO
SystemPowerTM
PRODUCT DATASHEET
2783.2008.03.1.0
1
www .analogictech.com
General Description
The AAT2783 provides three independently regulated
DC outputs: two step-down (Buck) regulators and a
single low input voltage, low drop-out (LDO) regulator.
The input voltage range for the step-down regulators is
2.7V to 5.5V, while the LDO regulator allows inputs from
1.5V to 5.5V. The low input voltage LDO regulator allows
high efficiency, step-down, low noise outputs. In addi-
tion, the LDO input may be connected to step-down
outputs 1 or 2.
The Channel 1 and 2 step-down regulators can deliver up
to 1000mA and 400mA output current, respectively.
Step-down output voltages are set with external resis-
tors. Switching frequency is set at 1.3MHz to ensure
small external filtering components. Current mode con-
trol assures fast transient response and stable operation
across the operating range. The Channel 3 LDO regulator
can deliver up to 400mA with -80dB power supply rejec-
tion ratio (PSRR) and 65μVRMS output noise with an
optional bypass capacitor. The LDO output voltage is fac-
tory set with a default voltage of 1.20V. Independent
enable and input pins are provided. The device consumes
low quiescent current and provides high efficiency across
the load range for maximum life in battery systems.
The AAT2783 is available in the Pb-free, 16-pin TDFN34
package and is rated over the -40°C to 85°C operating
temperature range.
Features
• V
IN Range Step-Down (Buck): 2.7V to 5.5V
• V
IN Range Low Drop-Out (LDO): 1.5V to 5.5V
• Output Voltage Range: 0.6V to V
IN
• Step-Down Output Current:
Channel 1: 1000mA
Channel 2: 400mA
• LDO Output Current:
Channel 3: 400mA
• High Efficiency with Low R
DS(ON) Switches
Step-Down up to 97%
LDO Regulator up to 80%
• Total Quiescient Current 135μA
• Shutdown Current: 1μA
• Step-Down Converters
1.3MHz Switching Frequency
Current Mode Control
Cycle-by-Cycle Current Limit
High Efficiency Light-Load Mode Operation
• LDO Converter
Ultra Low Noise with Bypass Capacitor
Over-Current Protection
• 200μs Internal Soft Start
• Over-Temperature Protection
• TDFN34-16 Low Profile Package
• -40°C to 85°C Temperature Range
Applications
• Cellular and SmartPhones
• Microprocessor / DSP Core / IO Power
• PDAs and Handheld Computers
• Portable Media Players
• Wireless Data Systems
Typical Application
AAT2783
VP2
EN2
AGND
FB2
LX2
VOUT1
1.2V, 1.0A
VOUT2
1.7V, 0.4A
VOUT3
1.2V, 400mA
C2
10μF
BYP
OUT3
VIN3
EN3
EP
C3
2.2μF
L2
2.2μH
C5
4.7μF
R2
59.0k
R3
107k
C7
0.01μF
AGND
VP1
EN1
VIN
GND1
FB1
LX1
C1
10μF
C4
0.1μF
L1
1.5μH
C8
10μF
R4
59.0k
R5
59.0k
VIN
2.7V –5.5V
GND2
VIN = VOUT2
GND2


Similar Part No. - AAT2783

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2783 SKYWORKS-AAT2783 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
More results

Similar Description - AAT2783

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6415 RENESAS-ISL6415 Datasheet
680Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
Dec 27, 2004
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
   Multi-Output PMIC with SMPS and LDO
VR5510 NXP-VR5510_V02 Datasheet
2Mb / 203P
   Multi-output PMIC with SMPS and LDO
Rev. 6 - 31 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com