Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2785 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT2785
Description  3-Channel Step-Down DC/DC Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2785 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2785 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2785 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AAT2785
3-Channel Step-Down DC/DC Converter
SystemPowerTM
PRODUCT DATASHEET
2785.2008.01.1.0
9
www .analogictech.com
AAT2785
3-Channel Step-Down DC/DC Converter
SystemPowerTM
PRODUCT DATASHEET
2785.2008.01.1.0
9
www .analogictech.com
Typical Characteristics
Output Ripple
(Channel 3; VOUT = 1.2V; VIN = 4.2V; IOUT = 1mA)
Time (100µs/div)
-0.02
0
0.02
0.04
0
0.2
0.4
Load Transient
(Channel 1, 2; VIN = 3.6V; IOUT = 100mA to 600mA; VOUT = 3.3V)
Time (200µs/div)
-0.2
0
0.2
100mA
600mA
100mA
600mA
Load Transient
(Channel 1, 2; VIN = 3.6V; IOUT = 1mA to 600mA; VOUT = 3.3V)
Time (200µs/div)
-0.2
0
0.2
600mA
600mA
1mA
1mA
Load Transient
(Channel 3; VIN = 5V; IOUT = 0.1A to 1.5A; VOUT = 1.2V)
Time (400µs/div)
-0.1
0
0.1
100mA
1.5A
1.5A
100mA
Load Transient
(Channel 3; VIN = 5V; IOUT = 0.5A to 1.5A; VOUT = 1.2V)
Time (400µs/div)
-0.1
0
0.1
500mA
500mA
1.5A
1.5A
Line Transient
(Channel 1, 2; VIN = 4V to 5V; IOUT = 600mA; VOUT = 3.3V)
Time (1ms/div)
4
5
6
-0.2
-0.1
0
0.1
0.2


Similar Part No. - AAT2785

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Advanced Analogic Techn...
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2783 SKYWORKS-AAT2783 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
More results

Similar Description - AAT2785

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2784 ANALOGICTECH-AAT2784 Datasheet
693Kb / 21P
   3-Channel Step-Down DC/DC Converter
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
   3 A, DC/DC Step-Down Converter
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com