Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2786IRN-AE-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2786IRN-AE-T1
Description  1.5A Step-Down Converter and 150mA LDO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2786IRN-AE-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2786IRN-AE-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2786IRN-AE-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
AAT2786
1.5A Step-Down Converter and 150mA LDO
SystemPower
TM
PRODUCT DATASHEET
2786.2008.04.1.0
1
www .analogictech.com
General Description
The AAT2786 is a dual output power solution. It includes
a 1.5A, 1.4MHz, high-efficiency step-down converter and
a high performance 150mA LDO regulator. The step-
down regulator output voltage is adjustable from 0.6V to
VIN. The LDO regulator has a factory preset fixed output
voltage from 1.2V to 3.3V.
The step-down converter consumes only 42µA of no-load
quiescent current and is designed to maintain high effi-
ciency throughout the load range. The step-down con-
verter has ultra-low RDS(ON) integrated MOSFETs and can
operate up to 100% duty cycle to enable high output
voltage, high current applications which require a low
dropout threshold. The AAT2786 provides excellent tran-
sient response and high output accuracy across the
operating range. Pulling the MODE/SYNC pin high
enables “PWM Only” mode, maintaining constant fre-
quency and low output ripple across the operating range.
Alternatively, the converter may be synchronized to an
external clock input via the MODE/SYNC pin.
The MicroPower low dropout linear regulator in the
AAT2786 has been specifically designed for high-speed
turn-on and turn-off performance, fast transient response,
and good noise and power supply ripple rejection (PSRR),
making it ideal for powering sensitive circuits with fast
switching requirements.
Over-temperature and short-circuit protection safeguard
the AAT2786 and system components from damage.
Features
• VIN Range : 2.5V to 5.5V
• 1.5A Step-Down Converter
VOUT Range: 0.6V to VIN
95% Peak Efficiency
High Efficiency across load range
42µA No Load Quiescent Current
Optional “PWM Only” Low Noise Mode
Current limit and soft start
• 150mA LDO Regulator
VOUT Range: 1.2V to 3.3V (Fixed)
High Power Supply Rejection Ratio
Low Output Noise
• Independent Enable Pins
• Integrated Power MOSFETs
• Over-Temperature Protection
• TDFN34-16 Package
• -40°C to +85°C Temperature Range
Applications
• Cellular and Smart Phones
• PDAs, Palmtops
• Digital Still and Video Cameras
• Portable Instruments
• Battery-Powered Applications
Typical Application
R2
Adj
R3
59k
C8
10nF
C6
1µF
3.3µH
L1
C1
opt
C7
2.2µF
BUCK OUT
LDO OUT
LDO IN
BUCK IN
C5
Opt
C4
22µF
C3
1µF
R1
100
C2
10µF
VIN
12
MODE/SYNC
14
VP
16
VP
15
LDOIN
11
BUCK_EN
13
LDO_EN
9
N/C
10
LDO_OUT
6
BYP
8
LX
2
LX
1
GND
4
PGND
3
LDO_GND
7
FB
5
AAT2786IRN
U1
ON/OFF
ON/OFF
ON/OFF


Similar Part No. - AAT2786IRN-AE-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2786IRN-AE-T1 SKYWORKS-AAT2786IRN-AE-T1 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
More results

Similar Description - AAT2786IRN-AE-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Lowpower Semiconductor ...
LP3218 POWER-LP3218 Datasheet
649Kb / 8P
   1.5MHz, 1.5A Step-Down Converter
LP3209 POWER-LP3209 Datasheet
1Mb / 10P
   1.5MHz, 1.5A Step-Down Converter
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com