Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4672 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT4672
Description  Power Supply Selector Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4672 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT4672 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AAT4672
Power Supply Selector Switch
SmartSwitchTM
PRODUCT DATASHEET
2
4672.2008.04.1.0
www .analogictech.com
AAT4672
Power Supply Selector Switch
SmartSwitchTM
PRODUCT DATASHEET
2
4672.2008.04.1.0
www .analogictech.com
Pin Descriptions
Pin Number
Name
Type
Function
1, 2
MAIN
I
Power supply 1 input.
3, 4
AUX
I
Power supply 2 input.
5
EN
I
Enable pin, active low.
6, 7
GND
I/O
Ground.
8
PWRSEL
I
Power level select input for AUX-OUT switch.
Logic “0”: 20% of the current limit programmed by RIAUX
Logic “1”: 100% of the current limit programmed by RIAUX
9
IAUX
I
AUX-OUT switch current limit set input.
10
IMAIN
I
MAIN-OUT switch current limit set input.
11, 12
OUT
O
Output pin.
Pin Configuration
TSOPJW-12
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
MAIN
MAIN
AUX
AUX
EN
GND
OUT
OUT
IMAIN
IAUX
PWRSEL
GND


Similar Part No. - AAT4672

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672 Datasheet
551Kb / 12P
   Power Supply Selector Switch
April 26, 2012
AAT4672ITP-T1 SKYWORKS-AAT4672ITP-T1 Datasheet
552Kb / 12P
   Power Supply Selector Switch
AAT4672ITP-T1 SKYWORKS-AAT4672ITP-T1 Datasheet
551Kb / 12P
   Power Supply Selector Switch
April 26, 2012
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
More results

Similar Description - AAT4672

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
   Power Selector Switch
Rev. A, 24-Jan-00
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com