Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4672 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT4672
Description  Power Supply Selector Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4672 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT4672 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4672 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AAT4672
Power Supply Selector Switch
SmartSwitchTM
PRODUCT DATASHEET
4
4672.2008.04.1.0
www .analogictech.com
AAT4672
Power Supply Selector Switch
SmartSwitchTM
PRODUCT DATASHEET
4
4672.2008.04.1.0
www .analogictech.com
Electrical Characteristics1
VMAIN/AUX = 5V, TA = -40 to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Operation
VMAIN
MAIN Operating Voltage Range
2.5
6
V
VAUX
AUX Operating Voltage Range
2.5
6
V
VMAIN-AUX
MAIN Switch-Over Threshold (Input Voltage
Difference)
MAIN, AUX > 2.5V
VAUX
+ 0.15
VAUX
+ 0.2
VAUX
+0.25
V
VUVLO_MAIN
MAIN Under-Voltage Lockout
Rising edge
2.3
V
Hysteresis
0.1
VUVLO_AUX
AUX Under-Voltage Lockout
Rising edge
2.3
V
Hysteresis
0.1
IMAIN_OP
MAIN Normal Operating Current
VMAIN = 5V, VEN = 0V
10
30
µA
IMAIN_SHDN
MAIN Shutdown Mode Current
VMAIN = VEN = 5V, OUT open
1
µA
IMAIN_SLP
MAIN Sleep Current
VMAIN = 2.5V, VAUX = 5V, VEN = 0V
1
5
µA
IAUX_OP
AUX Normal Operating Current
VAUX = 5V, VEN = 0V
10
30
µA
IAUX_SHDN
AUX Shutdown Mode Current
VAUX = VEN = 5V, OUT open
1
µA
IAUX_SLP
AUX Sleep Current
VMAIN = 5V, VAUX = 2.5V, VEN = 0V
1
5
µA
Power Switches
RDS(ON) MAIN
MAIN-to-OUT FET On-Resistance
VMAIN = 5.0V
0.12
VMAIN = 3.5V
0.14
RDS(ON) AUX
AUX-to-OUT FET On-Resistance
VAUX = 5.0V
0.12
VAUX = 3.5V
0.14
VDROOP_OUT
OUT Voltage Droop from the Lower Volt-
age of MAIN and AUX, When Switching Over
Between MAIN and AUX
IO(OUT) = 0.5A, CO(OUT) = 10µF
150
mV
Current Regulation
tSOFT_START
Soft-Start Delay
Delay of start from EN , or UVLO
100
µs
ILIM_MAIN_range
MAIN Current Limit Range
0.2
2.0
A
ILIM_AUX_range
AUX Current Limit Range
PWRSEL = 5V
0.2
2.0
A
PWRSEL = 0V
0.04
0.4
ILIM_MAIN
MAIN Current Limit Accuracy
RIAUX = 100kΩ
0.8
1
1.2
A
ILIM_AUX
AUX Current Limit Accuracy
RIMAIN = 100kΩ
PWRSEL = 5V
0.8
1
1.2
A
PWRSEL = 0V
0.18
0.2
0.22
Logic Control / Protection
VIH(EN)
Logic High Threshold
1.6
V
VIL(EN)
Logic Low Threshold
0.4
V
TSHDN
Chip Thermal Shutdown Temperature
Threshold
140
°C
Hysteresis
15
1. The output charge voltage accuracy is specified over the 0° to 70°C ambient temperature range; operation over the -25°C to +85°C temperature range is guaranteed by
design.


Similar Part No. - AAT4672

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672 Datasheet
551Kb / 12P
   Power Supply Selector Switch
April 26, 2012
AAT4672ITP-T1 SKYWORKS-AAT4672ITP-T1 Datasheet
552Kb / 12P
   Power Supply Selector Switch
AAT4672ITP-T1 SKYWORKS-AAT4672ITP-T1 Datasheet
551Kb / 12P
   Power Supply Selector Switch
April 26, 2012
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
More results

Similar Description - AAT4672

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
   Power Supply Selector Switch
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
   Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
   Power Supply Selector Switch
logo
Rohm
BD2204GUL ROHM-BD2204GUL Datasheet
645Kb / 24P
   Power Supply Selector Switch IC for SD Cards
BD2204GUL ROHM-BD2204GUL_15 Datasheet
1Mb / 27P
   Power Supply Selector Switch IC for SD Cards
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
   Power Selector Switch
Rev. A, 24-Jan-00
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
ON Semiconductor
CAT6500 ONSEMI-CAT6500 Datasheet
116Kb / 13P
   3.0 A Power Selector Switch
November, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com