Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDD165N18 Datasheet(PDF) 4 Page - Sirectifier Semiconductors

Part # SDD165N18
Description  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD165N18 Datasheet(HTML) 4 Page - Sirectifier Semiconductors

  SDD165N18 Datasheet HTML 1Page - Sirectifier Semiconductors SDD165N18 Datasheet HTML 2Page - Sirectifier Semiconductors SDD165N18 Datasheet HTML 3Page - Sirectifier Semiconductors SDD165N18 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SDD165
Diode-Diode Modules
Fig. 5 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
Fig. 6 Transient thermal impedance
junction to case (per diode)
Fig. 7 Transient thermal impedance
junction to heatsink (per diode)
R
thJK for various conduction angles d:
d
R
thJK (K/W)
DC
0.31
180
oC
0.323
120
oC
0.333
60
oC
0.360
30
oC
0.395
Constants for Z
thJK calculation:
i
R
thi (K/W)
t
i (s)
1
0.0087
0.001
2
0.0163
0.065
3
0.185
0.4
4
0.1
1.29
R
thJC for various conduction angles d:
d
R
thJC (K/W)
DC
0.210
180
oC
0.223
120
oC
0.233
60
oC
0.260
30
oC
0.295
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.0087
0.001
2
0.0163
0.065
3
0.185
0.4
3 x SDD165


Similar Part No. - SDD165N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDD165N18B SIRECTIFIER-SDD165N18B Datasheet
315Kb / 4P
   Diode-Diode Modules
More results

Similar Description - SDD165N18

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:250DD.XX AEGIS-A3L:250DD.XX Datasheet
272Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD120 SIRECTIFIER-SDD120 Datasheet
1,014Kb / 4P
   Diode-Diode Modules
SDD60NXXB SIRECTIFIER-SDD60NXXB Datasheet
317Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com