Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDD36N12 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SDD36N12
Description  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD36N12 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SDD36N12 Datasheet HTML 1Page - Sirectifier Semiconductors SDD36N12 Datasheet HTML 2Page - Sirectifier Semiconductors SDD36N12 Datasheet HTML 3Page - Sirectifier Semiconductors SDD36N12 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDD36
Diode-Diode Modules
Type
SDD36N08
SDD36N12
SDD36N14
SDD36N16
SDD36N18
VRRM
V
800
1200
1400
1600
1800
VRSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TVJ=TVJM
TC=100
oC; 180o sine
60
36
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
650
760
580
630
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
2100
2400
1700
1900
A
2s
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
oC
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M5)
Terminal connection torque (M5)
_
2.5-4/22-35
2.5-4/22-35
Nm/lb.in.
Weight
90
g
i
2dt
Typical including screws


Similar Part No. - SDD36N12

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDD3055L2 SAMHOP-SDD3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDD30N02 SAMHOP-SDD30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
SDD30N02 VBSEMI-SDD30N02 Datasheet
898Kb / 6P
   N-Channel 20-V (D-S)175 C MOSFET
logo
SamHop Microelectronics...
SDD30N03L SAMHOP-SDD30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
SDD30N03L VBSEMI-SDD30N03L Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SDD36N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:250DD.XX AEGIS-A3L:250DD.XX Datasheet
272Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD120 SIRECTIFIER-SDD120 Datasheet
1,014Kb / 4P
   Diode-Diode Modules
SDD60NXXB SIRECTIFIER-SDD60NXXB Datasheet
317Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com