Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SID300S12 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SID300S12
Description  SPT IGBT Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SID300S12 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SID300S12 Datasheet HTML 1Page - Sirectifier Semiconductors SID300S12 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPT IGBT Modules
Symbol
Conditions
Units
IGBT
Inverse Diode
TC = 25
oC, unless otherwise specified
VCES
V
IC
TC= 25(80)
oC
A
ICRM
A
VGES
TVj,(Tstg)
Visol
TC= 25(80)
oC, tP =1ms
AC, 1min
IF = -IC
IFRM
IFSM
TC= 25(80)
oC
TC= 25(80)
oC, tP =1ms
tP =10ms; sin.;Tj=150
oC
1200
370(265)
740(530)
+20
40...+150(125)
4000
690(500)
1800
V
oC
V
A
A
A
TOPERATION <
_ Tstg
Freewheeling diode
IF = -IC
IFRM
IFSM
_
_
TC= 25(80)
oC
TC= 25(80)
oC, tP =1ms
tP =10ms; sin.;Tj=150
oC
260(180)
260(180)
690(500)
1800
A
A
A
SID300S12
Dimensions in mm (1mm = 0.0394")
Absolute Maximum Ratings
Values


Similar Part No. - SID300S12

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
logo
Sirectifier Semiconduct...
SID300N12 SIRECTIFIER-SID300N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
More results

Similar Description - SID300S12

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX352GAL128DS SEMIKRON-SEMIX352GAL128DS_08 Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX352GAR128DS SEMIKRON-SEMIX352GAR128DS Datasheet
397Kb / 5P
   SPT IGBT Modules
SEMIX754GB128DS SEMIKRON-SEMIX754GB128DS_08 Datasheet
370Kb / 5P
   SPT IGBT Modules
logo
Sirectifier Semiconduct...
SDI400S12 SIRECTIFIER-SDI400S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID150S12 SIRECTIFIER-SID150S12 Datasheet
455Kb / 2P
   SPT IGBT Modules
SID75S12 SIRECTIFIER-SID75S12 Datasheet
605Kb / 2P
   SPT IGBT Modules
logo
Semikron International
SEMIX201GD128DS SEMIKRON-SEMIX201GD128DS Datasheet
1Mb / 4P
   SPT IGBT Modules
SKM500GA128D SEMIKRON-SKM500GA128D_06 Datasheet
669Kb / 5P
   SPT IGBT Modules
SEMIX553GD128DC SEMIKRON-SEMIX553GD128DC_07 Datasheet
974Kb / 5P
   SPT IGBT Modules
SEMIX202GB128D SEMIKRON-SEMIX202GB128D_07 Datasheet
792Kb / 5P
   SPT IGBT Modules
SEMIX101GD128DS SEMIKRON-SEMIX101GD128DS_07 Datasheet
962Kb / 5P
   SPT IGBT Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com