Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HCT75 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT75
Description  4 BIT D TYPE LATCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT75 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT75 Datasheet HTML 1Page - STMicroelectronics M74HCT75 Datasheet HTML 2Page - STMicroelectronics M74HCT75 Datasheet HTML 3Page - STMicroelectronics M74HCT75 Datasheet HTML 4Page - STMicroelectronics M74HCT75 Datasheet HTML 5Page - STMicroelectronics M74HCT75 Datasheet HTML 6Page - STMicroelectronics M74HCT75 Datasheet HTML 7Page - STMicroelectronics M74HCT75 Datasheet HTML 8Page - STMicroelectronics M74HCT75 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
4.5
8
151922
ns
tPLH
tPHL
Propagation
Delay Time
(DATA-Q)
4.5
18
28
35
42
ns
tPLH
tPHL
Propagation
Delay Time
(G-Q)
4.5
21
33
41
50
ns
tW(H)
Minimum Pulse
Width (G)
4.5
8
151922
ns
ts
Minimum Set-up
Time
4.5
4
101315
ns
th
Minimum Hold
Time
4.5
5
5
8
ns
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
61
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
SWITCHING CHARACTERISTICS TEST
WAVEFORM
TEST CIRCUIT ICC (Opr)
* INPUT WAVEFORM IS THE SAME AS THAT IN CASE OF
SWITCHING CHARACTERISTICS TEST.
M54/M74HCT75
4/9


Similar Part No. - M74HCT75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT75 STMICROELECTRONICS-M74HCT75 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75B1R STMICROELECTRONICS-M74HCT75B1R Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75M1R STMICROELECTRONICS-M74HCT75M1R Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75RM13TR STMICROELECTRONICS-M74HCT75RM13TR Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
More results

Similar Description - M74HCT75

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
   4 BIT D TYPE LATCH
August 2001
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
   4-Bit D Type Latch
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
   RAD HARD 4 BIT D TYPE LATCH
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
   4-BIT D LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com