Electronic Components Datasheet Search |
|
JS48F4400P0P3W0 Datasheet(PDF) 11 Page - Numonyx B.V |
|
JS48F4400P0P3W0 Datasheet(HTML) 11 Page - Numonyx B.V |
11 / 139 page April 2008 Datasheet 309823-10 11 Numonyx™ StrataFlash® Cellular Memory (M18) • Deep Power-Down (DPD) mode: DPD provides the lowest power consumption and is enabled by programming in the Enhanced Configuration Register. DPD is initiatied by asserting the DPD pin. 2.2 Configuration and Memory Map The Numonyx™ StrataFlash® Cellular Memory device features a symmetrical block architecture. The flash device main array is divided as follows: • The main array of the 128-Mbit device is divided into eight 16-Mbit partitions. Each parition is divided into eight 256-KByte blocks: 8 x 8 = 64 blocks in the main array of a 128-Mbit device. • The main array of the 256-Mbit device is divided into eight 32-Mbit partitions. Each parition is divided into sixteen 256-KByte blocks: 8 x 16 = 128 blocks in the main array of a 256-Mbit device. • The main array of the 512-Mbit device is divided into eight 64-Mbit partitions. Each parition is divided into thirty-two 256-KByte blocks: 8 x 32 = 256 blocks in the main array of a 256-Mbit device. • The main array of the 1-Gbit device is divided into eight 128-Mbit partitions. Each parition is divided into sixty-four 256-KByte blocks: 8 x 64 = 512 blocks in the main array of a 1-Gbit device. Each block is divided into as many as two-hundred-fifty-six 1-KByte programming regions. Each region is divided into as many as thirty-two 32-Byte segments. Table 5: Main Array Memory Map (Sheet 1 of 2) Partition Mbit 128-Mbit Device Mbit 256-Mbit Device Mbit 512-Mbit Device Mbit 1-Gbit Device Blk # Address Range Blk # Address Range Blk # Address Range Blk # Address Range 7 16 63 07E0000- 07FFFFF 32 127 0FE0000- 0FFFFFF 64 255 1FE0000- 1FFFFFF 128 511 3FE0000- 3FFFFFF 56 0700000- 071FFFF 112 0E00000- 0E1FFFF 224 1C00000- 1C1FFFF 448 3800000- 381FFFF 6 16 55 06E0000- 06FFFFF 32 111 0DE0000- 0DFFFFF 64 223 1BE0000- 1BFFFFF 128 447 37E0000- 37FFFFF 48 0600000- 061FFFF 96 0C00000- 0C1FFFF 192 1800000- 181FFFF 384 3000000- 301FFFF 5 16 47 05E0000- 05FFFFF 32 95 0BE0000- 0BFFFFF 64 191 17E0000- 17FFFFF 128 383 2FE0000- 2FFFFFF 40 0500000- 051FFFF 80 0A00000- 0A1FFFF 160 1400000- 141FFFF 320 2800000- 281FFFF 4 16 39 04E0000- 04FFFFF 32 79 09E0000- 09FFFFF 64 159 13E0000- 13FFFFF 128 319 27E0000- 27FFFFF 32 0400000- 041FFFF 64 0800000- 081FFFF 128 1000000- 101FFFF 256 2000000- 201FFFF |
Similar Part No. - JS48F4400P0P3W0 |
|
Similar Description - JS48F4400P0P3W0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |