Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BF008 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58BF008
Description  8 Mbit 256Kb x32, Burst Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BF008 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58BF008 Datasheet HTML 5Page - STMicroelectronics M58BF008 Datasheet HTML 6Page - STMicroelectronics M58BF008 Datasheet HTML 7Page - STMicroelectronics M58BF008 Datasheet HTML 8Page - STMicroelectronics M58BF008 Datasheet HTML 9Page - STMicroelectronics M58BF008 Datasheet HTML 10Page - STMicroelectronics M58BF008 Datasheet HTML 11Page - STMicroelectronics M58BF008 Datasheet HTML 12Page - STMicroelectronics M58BF008 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/36
M58BF008
Table 6. Commands
Code
Command
02h
Overlay Block Erase Set-up
04h
Overlay Block Program Set-up
06h
Overlay Block Read Enable/
Disable
0Dh
Overlay Block Erase Confirm
20h
Erase Set-up
30h
Wrap/No-wrap Burst Toggle
40h
Program Set-up
50h
Clear Status Register
60h
Asynchronous/Synchronous
Read Toggle
70h
Read Status Register
90h
Read Electronic Signature
B0h
Program/Erase Suspend
D0h
Program/Erase Resume or
Erase Confirm
FFh
Read Memory Array
INSTRUCTIONS AND COMMANDS
The Instructions are listed in Tables 6 and 7. They
may be broadly divided into two types, those that
access or modify the memory content and those
that toggle a mode or function.
The Instructions that access or modify the memory
content include:
– Read Memory Array (RD)
– Read Status Register (RSR) and Clear Status
Register (CLRS)
– Read Electronic Signature (RSIG)
– Erase (EE) and Overlay Block Erase (OBEE)
– Program (PG) and Overlay Block Program (OB-
PG)
– Program or Erase Suspend (PES) and Program
or Erase Resume (PER)
The Instructions that toggle a mode or function in-
clude:
– Asynchronous/Synchronous Read mode Tog-
gle (ART)
– Wrap/No-wrap Burst mode Toggle (WBT)
– Overlay Block Enable/Disable function Toggle
(OBT)
Instructions are written, in one or more write cy-
cles, to the memory Command Interface (C.I.) for
decoding. The Command Interface is reset to
Read Memory Array at power-up, when exiting
from power-down. Any invalid sequence of com-
mands will also reset the Command Interface to
Read Memory Array.
A Program/Erase Controller (P/E.C.) handles all
the timing and verifies the correct execution of the
Program or Erase instructions. The P/E.C. has a
Status Register which monitors the operations and
which may be read at any time during program or
erase. The Status Register bits indicate the oper-
ation and exit status of the internal algorithms.
The VPP Program and Erase Supply Voltage must
be within the range VPP1 or VPPH for programming
or erasure. If VPP out of range, the program or
erase algorithms do not start and Status Register
bit VPP Status VPPS will be set to ’1’.


Similar Part No. - M58BF008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BF008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
logo
STMicroelectronics
M28R400CT120ZB6 STMICROELECTRONICS-M28R400CT120ZB6 Datasheet
863Kb / 48P
   4 Mbit (256Kb x16, Boot Block) 1.8V Supply Flash Memory
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M29F002BT STMICROELECTRONICS-M29F002BT Datasheet
189Kb / 22P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com