Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUR2X100-06 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part # SUR2X100-06
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR2X100-06 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

  SUR2X100-06 Datasheet HTML 1Page - Sirectifier Semiconductors SUR2X100-06 Datasheet HTML 2Page - Sirectifier Semiconductors SUR2X100-06 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SUR2x100-06
Ultra Fast Recovery Epitaxial Diodes
200
600
1000
0
400
800
120
140
160
180
200
220
240
260
0.001
0.01
0.1
1
10
0.1
1
0
50
100
150
0.4
0.6
0.8
1.0
1.2
1.4
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
10
30
50
0
20
40
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
FR
di
F/dt
V
200
600
1000
0
400
800
10
30
50
70
0
20
40
60
80
100
1000
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
0
25
50
75
100
125
150
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/us
A
V
C
A/us
A/us
t
rr
ns
t
fr
Z
thJC
A/us
us
Single Pulse
0.05
0.1
0.2
0.3
0.5
D=0.7
0.05
I
F=200A
I
F=100A
I
F=
50A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
I
F
= 100A
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ=100°C
T
VJ=25°C
T
VJ=150°C
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F=200A
I
F=100A
I
F=
50A
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
I
F=200A
I
F=100A
I
F=
50A
t
fr
V
FR
Fig. 7 Transient thermal impedance junction to case at various duty cycles
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.02
0.00002
2
0.05
0.00081
3
0.076
0.01
4
0.24
0.94
5
0.114
0.45


Similar Part No. - SUR2X100-06

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR2x100-06 SIRECTIFIER-SUR2x100-06 Datasheet
187Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR2X100-06

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com