Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3021_0710 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS3021_0710
Description  Rail-to-rail 1.8V high-speed comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021_0710 Datasheet(HTML) 5 Page - STMicroelectronics

  TS3021_0710 Datasheet HTML 1Page - STMicroelectronics TS3021_0710 Datasheet HTML 2Page - STMicroelectronics TS3021_0710 Datasheet HTML 3Page - STMicroelectronics TS3021_0710 Datasheet HTML 4Page - STMicroelectronics TS3021_0710 Datasheet HTML 5Page - STMicroelectronics TS3021_0710 Datasheet HTML 6Page - STMicroelectronics TS3021_0710 Datasheet HTML 7Page - STMicroelectronics TS3021_0710 Datasheet HTML 8Page - STMicroelectronics TS3021_0710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TS3021-3022
Electrical characteristics
5/16
Table 4.
VCC=+3.3V, Tamb = +25°C, full Vicm range (unless otherwise specified)
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIO
Input offset voltage
-40°C < Tamb < +125°C
-
0.5
8
10
mV
ΔVIO
Input offset voltage drift
-40°C < Tamb < +125°C
-
3
20
μV/°C
IIO
Input offset current(2)
-40°C < Tamb < +125°C
-
120
100
nA
IIB
Input bias current(2)
-40°C < Tamb < +125°C
-
80
160
300
nA
ICC
Supply current
No load, output low, Vicm=0V
-40°C < Tamb < +125°C
No load, output high, Vicm=0V
-40°C < Tamb < +125°C
-
77
65
110
120
90
125
μA
ISC
Short circuit current
Source
Sink
-
33
28
-mA
VOH
Output voltage high
Isource=1mA
-40°C < Tamb < +125°C
3.20
3.10
3.26
-V
VOL
Output voltage low
Isource=1mA
-40°C < Tamb < +125°C
-
30
80
150
mV
CMRR
Common mode rejection ratio
0 < Vicm < 3.3V
-
71
-
dB
SVR
Supply voltage rejection
ΔVCC= 2 to 5V
58
69
-
dB
TPLH
Propagation delay
Low to high output level
Vicm= 0V, f=10kHz, CL=50pF,
Overdrive = 20mV
Overdrive = 100mV
-42
34
85
65
ns
TPHL
Propagation delay
High to low output level
Vicm= 0V, f=10kHz, CL=50pF,
Overdrive = 20mV
Overdrive = 100mV
-41
34
80
65
ns
TF
Fall time
f=10kHz, CL=50pF,RL=10kΩ,
Overdrive = 100mV
-
5
-ns
TR
Rise time
f=10kHz, CL=50pF,RL=10kΩ,
Overdrive = 100mV
-
7
-ns
1.
All values over the temperature range are guaranteed through correlation and simulation. No production test is performed
at the temperature range limits.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.


Similar Part No. - TS3021_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021A STMICROELECTRONICS-TS3021A Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021AILT STMICROELECTRONICS-TS3021AILT Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
More results

Similar Description - TS3021_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com