Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2226 Datasheet(PDF) 11 Page - SMSC Corporation

Part # USB2226
Description  4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2226 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button USB2226 Datasheet HTML 7Page - SMSC Corporation USB2226 Datasheet HTML 8Page - SMSC Corporation USB2226 Datasheet HTML 9Page - SMSC Corporation USB2226 Datasheet HTML 10Page - SMSC Corporation USB2226 Datasheet HTML 11Page - SMSC Corporation USB2226 Datasheet HTML 12Page - SMSC Corporation USB2226 Datasheet HTML 13Page - SMSC Corporation USB2226 Datasheet HTML 14Page - SMSC Corporation USB2226 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
SMSC USB2226
11
Revision 1.4 (10-08-07)
DATASHEET
CF_D[7:0]
39
38
37
36
35
34
33
32
I/O8PD
CF Data 7-0:
The bi-directional data signals CF_D7-CF_D0 in the True IDE mode
data transfer.
In the True IDE Mode, all of task file register operation occur on the
CF_D[7:0], while the data transfer is on CF_D[15:0].
The bi-directional data signal has an internal weak pull-down resistor.
CF_IORDY
56
IPU
IO Ready:
This pin is active high input signal.
This pin has an internally controlled weak pull-up resistor.
CF_nCD2
54
IPU
CF Card Detection2:
This card detection pin is connected to the ground on the CF device,
when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF_nCD1
53
IPU
CF Card Detection1:
This card detection pin is connected to ground on the CF device,
when the CF device is inserted.
This pin has an internally controlled weak pull-up resistor.
CF_nRESET
59
O8
CF Hardware Reset:
This pin is an active low hardware reset signal to CF device.
CF_nIOR
57
O8
CF IO Read:
This pin is an active low read strobe signal for CF device.
CF_nIOW
58
O8
CF IO Write Strobe:
This pin is an active low write strobe signal for CF device.
SmartMedia INTERFACE
SM_nWP
74
O8PD
SM Write Protect:
This pin is an active low write protect signal for the SM device.
This pin has a weak pull-down resistor that is permanently enabled.
SM_ALE
73
O8PD
SM Address Strobe:
This pin is an active high Address Latch Enable signal for the SM
device.
This pin has a weak pull-down resistor that is permanently enabled.
SM_CLE
75
O8PD
SM Command Strobe:
This pin is an active high Command Latch Enable signal for the SM
device.
This pin has a weak pull-down resistor that is permanently enabled.
SYMBOL
128-PIN
VTQFP
BUFFER
TYPE
DESCRIPTION


Similar Part No. - USB2226

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2223-03 SMSC-USB2223-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB2223-03 SMSC-USB2223-03 Datasheet
166Kb / 20P
   Bus Powered USB2.0 Flash Media Controller
USB2223-03 SMSC-USB2223-03_06 Datasheet
166Kb / 20P
   Bus Powered USB2.0 Flash Media Controller
USB2223-NE-03 SMSC-USB2223-NE-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
USB2223-NU-03 SMSC-USB2223-NU-03 Datasheet
286Kb / 20P
   BUS POWERED USB 2.0 FLASH MEDIA CONTROLLER
More results

Similar Description - USB2226

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2227 MICROCHIP-USB2227 Datasheet
374Kb / 25P
   4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs
06/23/16
USB2601 MICROCHIP-USB2601 Datasheet
272Kb / 30P
   4th Generation USB 2.0 Flash Media Controller with Integrated Card Power FETs & HS Hub
07/14/15
logo
SMSC Corporation
USB2227 SMSC-USB2227_06 Datasheet
949Kb / 27P
   4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
USB2227 SMSC-USB2227 Datasheet
919Kb / 26P
   4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS
USB2601 SMSC-USB2601 Datasheet
710Kb / 26P
   4TH GENERATION USB2.0 FLASH MEDIA CONTROLLER WITH INTEGRATED CARD POWER FETS AND HS HUB
USB2601 SMSC-USB2601_06 Datasheet
430Kb / 26P
   4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs and HS Hub
USB2229 SMSC-USB2229 Datasheet
1,008Kb / 27P
   5TH GENERATION HI-SPEED USB FLASH MEDIA & IrDA CONTROLLER WITH INTEGRATED CARD POWER FETs
USB2229 SMSC-USB2229_06 Datasheet
687Kb / 27P
   5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
USB2231 SMSC-USB2231 Datasheet
937Kb / 26P
   5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
logo
Microchip Technology
USB2229 MICROCHIP-USB2229 Datasheet
374Kb / 28P
   5th Generation Hi-Speed USB Flash Media and IrDA Controller with Integrated Card Power FETs
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com