Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50110 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL50110
Description  128, 256, 512 and 1024 Channel CESoP Processors
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50110 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL50110_08 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50110_08 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
ZL50110/11/12/14
Data Sheet
4
Zarlink Semiconductor Inc.
Device Line Up
There are four products within the ZL50110/11/12/14 family, with capacity as shown in the following table:
Note 1: T1/E1/J2 is for unstructured mode, and the H-MVIP/H.110/ST-BUS is for structured mode.
Device
TDM Interfaces
Ethernet Packet I/F
Notes
ZL50114
4 T1, 4 E1, or 1 J2 streams or
4 MVIP/ST-BUS streams at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at
8.192 Mbps
Dual 100 Mbps MII or
Dual Redundant 1000 Mbps GMII/TBI
Note 1
ZL50110
8 T1, 8 E1 or 2 J2 streams or
8 MVIP/ST-BUS streams at 2.048 Mbps or
2 H.110/H-MVIP/ST-BUS streams at
8.192 Mbps
Dual 100 Mbps MII or
Dual Redundant 1000 Mbps GMII/TBI
Note 1
ZL50112
16 T1, 16 E1, 4 J2 streams or
16 MVIP/ST-BUS streams at 2.048 Mbps or
4 H.110/H-MVIP/ST-BUS streams at
8.192 Mbps
Triple 100 Mbps MII or
Dual Redundant 1000 Mbps GMII/TBI
or Single 100 Mbps MII and Single
1000 Mbps GMII/TBI
Note 1
ZL50111
32 T1, 32 E1, 8 J2, 2 T3, 2 E3 streams or
32 MVIP/ST-BUS streams at 2.048 Mbps or
8 H.110/H-MVIP/ST-BUS streams at
8.192 Mbps
Triple 100 Mbps MII or
Dual Redundant 1000 Mbps GMII/TBI
or Single 100 Mbps MII and Single
1000 Mbps GMII/TBI
Note 1
Table 1 - Capacity of Devices in the ZL50110/11/14 Family


Similar Part No. - ZL50110_08

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
More results

Similar Description - ZL50110_08

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50117 ZARLINK-ZL50117_06 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
logo
Analog Devices
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
logo
National Semiconductor ...
NM93C13 NSC-NM93C13 Datasheet
161Kb / 8P
   256-/1024-Bit Serial EEPROM
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
logo
NXP Semiconductors
LPC2132FHN64 PHILIPS-LPC2132FHN64 Datasheet
340Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
logo
Cypress Semiconductor
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
   512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com