Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII50N12 Datasheet(PDF) 5 Page - Sirectifier Semiconductors

Part # SII50N12
Description  NPT IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SII50N12 Datasheet(HTML) 5 Page - Sirectifier Semiconductors

  SII50N12 Datasheet HTML 1Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 2Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 3Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 4Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 5Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 6Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NPT IGBT Modules
SirectifierR
SII50N12
Typ. gate charge
VGE = ƒ(QGate)
parameter: IC puls = 50 A
0
40
80
120
160
200
240
280 nC 340
Q
Gate
0
2
4
6
8
10
12
14
16
V
20
V
GE
800 V
600 V
T yp. c apac itanc es
C = f (VCE )
parameter: VGE = 0, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
C E
-1
10
0
10
1
10
2
10
nF
C
C iss
C oss
C rs s
R evers e bias ed s afe operating area
ICpuls = f(VCE ) , Tj = 150°C
parameter: VGE = 15 V
0
200
400
600
800
1000 1200
V
1600
V
C E
0.0
0.5
1.0
1.5
2.5
I
C puls/IC
S hort c irc uit s afe operating area
ICsc = f(VCE ) , Tj = 150°C
parameter: VGE = ± 15 V, tSC ≤ 10 µs, L < 50 nH
0
200
400
600
800
1000 1200
V
1600
V
C E
0
2
4
6
8
12
I
C sc/IC


Similar Part No. - SII50N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII50N06 SIRECTIFIER-SII50N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
More results

Similar Description - SII50N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
   NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
   NPT IGBT Modules
SDI150N12 SIRECTIFIER-SDI150N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SID200N12 SIRECTIFIER-SID200N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII200N06 SIRECTIFIER-SII200N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
6SI75N12 SIRECTIFIER-6SI75N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
6SI15N12 SIRECTIFIER-6SI15N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
   NPT IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com